Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 136 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 136 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 132Page - Silicon Laboratories C8051F360 Datasheet HTML 133Page - Silicon Laboratories C8051F360 Datasheet HTML 134Page - Silicon Laboratories C8051F360 Datasheet HTML 135Page - Silicon Laboratories C8051F360 Datasheet HTML 136Page - Silicon Laboratories C8051F360 Datasheet HTML 137Page - Silicon Laboratories C8051F360 Datasheet HTML 138Page - Silicon Laboratories C8051F360 Datasheet HTML 139Page - Silicon Laboratories C8051F360 Datasheet HTML 140Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
136
Rev. 1.0
erases will be disabled until the next system reset. Flash writes and erases will also be disabled if a Flash
write or erase is attempted before the key codes have been written properly. The Flash lock resets after
each write or erase; the key codes must be written again before a following Flash operation can be per-
formed. The FLKEY register is detailed in SFR Definition 13.2.
13.1.2. Erasing Flash Pages From Software
The Flash memory can be programmed by software using the MOVX write instruction with the address and
data byte to be programmed provided as normal operands. Before writing to Flash memory using MOVX,
Flash write operations must be enabled by: (1) the PSWE and PSEE bits must be set to ‘1’ (this directs the
MOVX writes to target Flash memory); and (2) Writing the Flash key codes in sequence to the Flash Lock
register (FLKEY). The PSWE bit remains set until cleared by software.
A write to Flash memory can clear bits to logic ‘0’ but cannot set them; only an erase operation can set bits
to logic ‘1’ in Flash. A byte location to be programmed should be erased before a new value is writ-
ten. The Flash memory is organized in 1024-byte pages. The erase operation applies to an entire page
(setting all bytes in the page to 0xFF). To erase an entire 1024-byte page, perform the following steps:
Step 1. Disable interrupts (recommended).
Step 2. Write the first key code to FLKEY: 0xA5.
Step 3. Write the second key code to FLKEY: 0xF1.
Step 4. Set PSEE (PSCTL.1) to enable Flash erases.
Step 5. Set PSWE (PSCTL.0) to redirect MOVX commands to write to Flash.
Step 6. Use the MOVX instruction to write a data byte to any location within the page to be
erased.
Step 7. Clear PSEE to disable Flash erases.
Step 8. Clear the PSWE bit to redirect MOVX commands to the XRAM data space.
Step 9. Re-enable interrupts.
13.1.3. Writing Flash Memory From Software
Bytes in Flash memory can be written one byte at a time, or in small blocks. The CHBLKW bit in register
CCH0CN (SFR Definition 14.1) controls whether a single byte or a block of bytes is written to Flash during
a write operation. When CHBLKW is cleared to ‘0’, the Flash will be written one byte at a time. When
CHBLKW is set to ‘1’, the Flash will be written in blocks of four bytes for addresses in code space. Block
writes are performed in the same amount of time as single byte writes, which can save time when storing
large amounts of data to Flash memory.
For single-byte writes to Flash, bytes are written individually, and the Flash write is performed after each
MOVX write instruction. The recommended procedure for writing Flash in single bytes is as follows:
Step 1. Disable interrupts.
Step 2. Clear CHBLKW (register CCH0CN) to select single-byte write mode.
Step 3. Write the first key code to FLKEY: 0xA5.
Step 4. Write the second key code to FLKEY: 0xF1.
Step 5. Set PSWE (register PSCTL) to redirect MOVX commands to write to Flash.
Step 6. Clear the PSEE bit (register PSCTL).
Step 7. Use the MOVX instruction to write a data byte to the desired location (repeat as
necessary).
Step 8. Clear the PSWE bit to redirect MOVX commands to the XRAM data space.
Step 9. Re-enable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com