| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 132 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 132 Page - Silicon Laboratories |
|
132 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 132 Rev. 1.0 12.6. PCA Watchdog Timer Reset The programmable Watchdog Timer (WDT) function of the Programmable Counter Array (PCA) can be used to prevent software from running out of control during a system malfunction. The PCA WDT function can be enabled or disabled by software as described in Section “22.3. Watchdog Timer Mode” on page 272; the WDT is enabled and clocked by SYSCLK / 12 following any reset. If a system malfunction prevents user software from updating the WDT, a reset is generated and the WDTRSF bit (RSTSRC.5) is set to ‘1’. The state of the RST pin is unaffected by this reset. 12.7. Flash Error Reset If a Flash read/write/erase or program read targets an illegal address, a system reset is generated. This may occur due to any of the following: • A Flash write or erase is attempted above user code space. This occurs when PSWE is set to ‘1’ and a MOVX write operation targets an address above address 0x7BFF. • A Flash read is attempted above user code space. This occurs when a MOVC operation targets an address above address 0x7BFF. • A Program read is attempted above user code space. This occurs when user code attempts to branch to an address above 0x7BFF. • A Flash read, write or erase attempt is restricted due to a Flash security setting (see Section “13.2. Security Options” on page 138). • A Flash write or erase is attempted while the VDD Monitor is disabled. The FERROR bit (RSTSRC.6) is set following a Flash error reset. The state of the RST pin is unaffected by this reset. 12.8. Software Reset Software may force a reset by writing a ‘1’ to the SWRSF bit (RSTSRC.4). The SWRSF bit will read ‘1’ fol- lowing a software forced reset. The state of the RST pin is unaffected by this reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |