Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 133 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 133 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 129Page - Silicon Laboratories C8051F360 Datasheet HTML 130Page - Silicon Laboratories C8051F360 Datasheet HTML 131Page - Silicon Laboratories C8051F360 Datasheet HTML 132Page - Silicon Laboratories C8051F360 Datasheet HTML 133Page - Silicon Laboratories C8051F360 Datasheet HTML 134Page - Silicon Laboratories C8051F360 Datasheet HTML 135Page - Silicon Laboratories C8051F360 Datasheet HTML 136Page - Silicon Laboratories C8051F360 Datasheet HTML 137Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 288 page
background image
Rev. 1.0
133
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 12.2. RSTSRC: Reset Source
Note:For bits that act as both reset source enables (on a write) and reset indicator flags (on a read),
read-modify-write instructions read and modify the source enable only. [This applies to bits:
C0RSEF, SWRSF, MCDRSF, PORSF].
Bit 7:
UNUSED. Read = 0b. Write = don’t care.
Bit 6:
FERROR: Flash Error Indicator.
0: Source of last reset was not a Flash read/write/erase error.
1: Source of last reset was a Flash read/write/erase error.
Bit 5:
C0RSEF: Comparator0 Reset Enable and Flag.
0: Read: Source of last reset was not Comparator0. Write: Comparator0 is not a reset
source.
1: Read: Source of last reset was Comparator0. Write: Comparator0 is a reset source
(active-low).
Bit 4:
SWRSF: Software Reset Force and Flag.
0: Read: Source of last reset was not a write to the SWRSF bit. Write: No Effect.
1: Read: Source of last reset was a write to the SWRSF bit. Write: Forces a system reset.
Bit 3:
WDTRSF: Watchdog Timer Reset Flag.
0: Source of last reset was not a WDT timeout.
1: Source of last reset was a WDT timeout.
Bit 2:
MCDRSF: Missing Clock Detector Flag.
0: Read: Source of last reset was not a Missing Clock Detector timeout. Write: Missing
Clock Detector disabled.
1: Read: Source of last reset was a Missing Clock Detector timeout. Write: Missing Clock
Detector enabled; triggers a reset if a missing clock condition is detected.
Bit 1:
PORSF: Power-On Reset Force and Flag.
This bit is set anytime a power-on reset occurs. Writing this bit enables/disables the VDD
Monitor as a reset source. Note: writing ‘1’ to this bit before the VDD Monitor is enabled
and stabilized may cause a system reset. See register VDM0CN (SFR Definition 12.1)
0: Read: Last reset was not a power-on or VDD Monitor reset. Write: VDD Monitor is not a
reset source.
1: Read: Last reset was a power-on or VDD Monitor reset; all other reset flags
indeterminate. Write: VDD Monitor is a reset source.
Bit 0:
PINRSF: HW Pin Reset Flag.
0: Source of last reset was not RST pin.
1: Source of last reset was RST pin.
SFR Page:
SFR Address:
all pages
0xEF
R
R
R/W
R/W
R
R/W
R/W
R
Reset Value
–
FERROR C0RSEF
SWRSF WDTRSF MCDRSF
PORSF
PINRSF
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com