Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 129 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 129 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 125Page - Silicon Laboratories C8051F360 Datasheet HTML 126Page - Silicon Laboratories C8051F360 Datasheet HTML 127Page - Silicon Laboratories C8051F360 Datasheet HTML 128Page - Silicon Laboratories C8051F360 Datasheet HTML 129Page - Silicon Laboratories C8051F360 Datasheet HTML 130Page - Silicon Laboratories C8051F360 Datasheet HTML 131Page - Silicon Laboratories C8051F360 Datasheet HTML 132Page - Silicon Laboratories C8051F360 Datasheet HTML 133Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 288 page
background image
Rev. 1.0
129
C8051F360/1/2/3/4/5/6/7/8/9
12.1. Power-On Reset
During power-up, the device is held in a reset state and the RST pin is driven low until VDD settles above
VRST. A delay occurs before the device is released from reset; the delay decreases as the VDD ramp time
increases (VDD ramp time is defined as how fast VDD ramps from 0 V to VRST). Figure 12.2. plots the
power-on and VDD Monitor reset timing. For ramp times less than 1 ms, the power-on reset delay (TPORDe-
lay) is typically less than 0.3 ms.
Note: The maximum VDD ramp time is 1 ms; slower ramp times may cause the device to be released from
reset before VDD reaches the VRST level.
On exit from a power-on reset, the PORSF flag (RSTSRC.1) is set by hardware to logic ‘1’. When PORSF
is set, all of the other reset flags in the RSTSRC Register are indeterminate (PORSF is cleared by all other
resets). Since all resets cause program execution to begin at the same location (0x0000) software can
read the PORSF flag to determine if a power-up was the cause of reset. The content of internal data mem-
ory should be assumed to be undefined after a power-on reset. The VDD Monitor is enabled following a
power-on reset.
Power-On
Reset
VDD
Monitor
Reset
/RST
t
1.0
2.0
Logic HIGH
Logic LOW
T
PORDelay
2.70
2.55
V
RST
VDD
Figure 12.2. Power-On and VDD Monitor Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com