| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 128 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 128 Page - Silicon Laboratories |
|
128 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 128 Rev. 1.0 12. Reset Sources Reset circuitry allows the controller to be easily placed in a predefined default condition. On entry to this reset state, the following occur: • CIP-51 halts program execution • Special Function Registers (SFRs) are initialized to their defined reset values • External Port pins are forced to a known state • Interrupts and timers are disabled. All SFRs are reset to the predefined values noted in the SFR detailed descriptions. The contents of internal data memory are unaffected during a reset; any previously stored data is preserved. However, since the stack pointer SFR is reset, the stack is effectively lost, even though the data on the stack is not altered. The Port I/O latches are reset to 0xFF (all logic ones) in open-drain mode. Weak pullups are enabled dur- ing and after the reset. For VDD Monitor and power-on resets, the RST pin is driven low until the device exits the reset state. On exit from the reset state, the program counter (PC) is reset, and the system clock defaults to the inter- nal oscillator. Refer to Section “16. Oscillators” on page 169 for information on selecting and configuring the system clock source. The Watchdog Timer is enabled with the system clock divided by 12 as its clock source (Section “22.3. Watchdog Timer Mode” on page 272 details the use of the Watchdog Timer). Pro- gram execution begins at location 0x0000. PCA WDT Missing Clock Detector (one- shot) (Software Reset) System Reset Reset Funnel Px.x Px.x EN SWRSF System Clock CIP-51 Microcontroller Core Extended Interrupt Handler EN Errant FLASH Operation /RST (wired-OR) Power On Reset '0' + - Comparator 0 C0RSEF VDD + - Supply Monitor Enable Figure 12.1. Reset Sources |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |