Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 131 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 131 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 127Page - Silicon Laboratories C8051F360 Datasheet HTML 128Page - Silicon Laboratories C8051F360 Datasheet HTML 129Page - Silicon Laboratories C8051F360 Datasheet HTML 130Page - Silicon Laboratories C8051F360 Datasheet HTML 131Page - Silicon Laboratories C8051F360 Datasheet HTML 132Page - Silicon Laboratories C8051F360 Datasheet HTML 133Page - Silicon Laboratories C8051F360 Datasheet HTML 134Page - Silicon Laboratories C8051F360 Datasheet HTML 135Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 288 page
background image
Rev. 1.0
131
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 12.1. VDM0CN: VDD Monitor Control
Bit 7:
VDMEN: VDD Monitor Enable.
This bit turns the VDD Monitor circuit on/off. The VDD Monitor cannot generate system resets
until it is also selected as a reset source in register RSTSRC (SFR Definition 12.2). The VDD
Monitor must be allowed to stabilize before it is selected as a reset source. Selecting the
VDD Monitor as a reset source before it has stabilized may generate a system reset.
0: VDD Monitor Disabled.
1: VDD Monitor Enabled.
Bit 6:
VDD STAT: VDD Status.
This bit indicates the current power supply status (VDD Monitor output).
0: VDD is at or below the VDD Monitor threshold.
1: VDD is above the VDD Monitor threshold.
Bits 5–0: RESERVED. Read = Variable. Write = don’t care.
SFR Page:
SFR Address:
all pages
0xFF
R/W
R
R
RRR
R
R
Reset Value
VDMEN VDDSTAT Reserved Reserved Reserved Reserved Reserved Reserved
Variable
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
12.3. External Reset
The external RST pin provides a means for external circuitry to force the device into a reset state. Assert-
ing an active-low signal on the RST pin generates a reset; an external pullup and/or decoupling of the RST
pin may be necessary to avoid erroneous noise-induced resets. See Table 12.1 for complete RST pin
specifications. The PINRSF flag (RSTSRC.0) is set on exit from an external reset.
12.4. Missing Clock Detector Reset
The Missing Clock Detector (MCD) is a one-shot circuit that is triggered by the system clock. If the system
clock remains high or low for more than 100 µs, the one-shot will time out and generate a reset. After a
MCD reset, the MCDRSF flag (RSTSRC.2) will read ‘1’, signifying the MCD as the reset source; otherwise,
this bit reads ‘0’. Writing a ‘1’ to the MCDRSF bit enables the Missing Clock Detector; writing a ‘0’ disables
it. The state of the RST pin is unaffected by this reset.
12.5. Comparator0 Reset
Comparator0 can be configured as a reset source by writing a ‘1’ to the C0RSEF flag (RSTSRC.5).
Comparator0 should be enabled and allowed to settle prior to writing to C0RSEF to prevent any turn-on
chatter on the output from generating an unwanted reset. The Comparator0 reset is active-low: if the non-
inverting input voltage (on CP0+) is less than the inverting input voltage (on CP0-), the device is put into
the reset state. After a Comparator0 reset, the C0RSEF flag (RSTSRC.5) will read ‘1’ signifying
Comparator0 as the reset source; otherwise, this bit reads ‘0’. The state of the RST pin is unaffected by
this reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com