Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 144 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 144 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 140Page - Silicon Laboratories C8051F360 Datasheet HTML 141Page - Silicon Laboratories C8051F360 Datasheet HTML 142Page - Silicon Laboratories C8051F360 Datasheet HTML 143Page - Silicon Laboratories C8051F360 Datasheet HTML 144Page - Silicon Laboratories C8051F360 Datasheet HTML 145Page - Silicon Laboratories C8051F360 Datasheet HTML 146Page - Silicon Laboratories C8051F360 Datasheet HTML 147Page - Silicon Laboratories C8051F360 Datasheet HTML 148Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 288 page
background image
Table 13.2. Flash Electrical Characteristics
VDD = 2.7 to 3.6 V; –40 to +85 °C.
Endurance
Erase Cycle Time
Write Cycle Time
*Note: 1024 Bytes at location 0x7C00 to 0x7FFF are reserved.
C8051F360/1/2/3/4/5/6/7/8/9
144
Rev. 1.0
Parameter
Conditions
Min
Typ
Max
Units
Flash Size
C8051F360/1/2/3/4/5/6/7
32768*
Bytes
C8051F368/9
16384
20 k
250 k
Erase/Write
810
12
ms
37
47
57
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com