Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 149 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 149 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 145Page - Silicon Laboratories C8051F360 Datasheet HTML 146Page - Silicon Laboratories C8051F360 Datasheet HTML 147Page - Silicon Laboratories C8051F360 Datasheet HTML 148Page - Silicon Laboratories C8051F360 Datasheet HTML 149Page - Silicon Laboratories C8051F360 Datasheet HTML 150Page - Silicon Laboratories C8051F360 Datasheet HTML 151Page - Silicon Laboratories C8051F360 Datasheet HTML 152Page - Silicon Laboratories C8051F360 Datasheet HTML 153Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 288 page
background image
Rev. 1.0
149
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 14.1. CCH0CN: Cache Control
Bit 7:
CHWREN: Cache Write Enable.
This bit enables the processor to write to the cache memory.
0: Cache contents are not allowed to change, except during Flash writes/erasures or cache
locks.
1: Writes to cache memory are allowed.
Bit 6:
CHRDEN: Cache Read Enable.
This bit enables the processor to read instructions from the cache memory.
0: All instruction data comes from Flash memory or the prefetch engine.
1: Instruction data is obtained from cache (when available).
Bit 5:
CHPFEN: Cache Prefetch Enable.
This bit enables the prefetch engine.
0: Prefetch engine is disabled.
1: Prefetch engine is enabled.
Bit 4:
CHFLSH: Cache Flush.
When written to a ‘1’, this bit clears the cache contents. This bit always reads ‘0’.
Bit 3:
CHRETI: Cache RETI Destination Enable.
This bit enables the destination of a RETI address to be cached.
0: Destinations of RETI instructions will not be cached.
1: RETI destinations will be cached.
Bit 2:
CHISR: Cache ISR Enable.
This bit allows instructions which are part of an Interrupt Service Routine (ISR) to be cached.
0: Instructions in ISRs will not be loaded into cache memory.
1: Instructions in ISRs can be cached.
Bit 1:
CHMOVC: Cache MOVC Enable.
This bit allows data requested by a MOVC instruction to be loaded into the cache memory.
0: Data requested by MOVC instructions will not be cached.
1: Data requested by MOVC instructions will be loaded into cache memory.
Bit 0:
CHBLKW: Block Write Enable.
This bit allows block writes to Flash memory from software.
0: Each byte of a software Flash write is written individually.
1: Flash bytes are written in groups of four (for code space writes).
SFR Page:
SFR Address:
F
0x84
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
CHWREN CHRDEN CHPFEN CHFLSH
CHRETI
CHISR
CHMOVC CHBLKW 11100110
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com