Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 153 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 153 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 149Page - Silicon Laboratories C8051F360 Datasheet HTML 150Page - Silicon Laboratories C8051F360 Datasheet HTML 151Page - Silicon Laboratories C8051F360 Datasheet HTML 152Page - Silicon Laboratories C8051F360 Datasheet HTML 153Page - Silicon Laboratories C8051F360 Datasheet HTML 154Page - Silicon Laboratories C8051F360 Datasheet HTML 155Page - Silicon Laboratories C8051F360 Datasheet HTML 156Page - Silicon Laboratories C8051F360 Datasheet HTML 157Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 288 page
background image
Rev. 1.0
153
C8051F360/1/2/3/4/5/6/7/8/9
15. External Data Memory Interface and On-Chip XRAM
For C8051F36x devices, 1k Bytes of RAM are included on-chip and mapped into the external data memory
space (XRAM). Additionally, an External Memory Interface (EMIF) is available on the C8051F360/3
devices, which can be used to access off-chip data memories and memory-mapped devices connected to
the GPIO ports. The external memory space may be accessed using the external move instruction
(MOVX) and the data pointer (DPTR), or using the MOVX indirect addressing mode using R0 or R1. If the
MOVX instruction is used with an 8-bit address operand (such as @R1), then the high byte of the 16-bit
address is provided by the External Memory Interface Control Register (EMI0CN, shown in SFR Definition
15.1). Note: the MOVX instruction can also be used for writing to the FLASH memory. See Section
“13. Flash Memory” on page 135 for details. The MOVX instruction accesses XRAM by default.
15.1. Accessing XRAM
The XRAM memory space is accessed using the MOVX instruction. The MOVX instruction has two forms,
both of which use an indirect addressing method. The first method uses the Data Pointer, DPTR, a 16-bit
register which contains the effective address of the XRAM location to be read from or written to. The sec-
ond method uses R0 or R1 in combination with the EMI0CN register to generate the effective XRAM
address. Examples of both of these methods are given below.
15.1.1. 16-Bit MOVX Example
The 16-bit form of the MOVX instruction accesses the memory location pointed to by the contents of the
DPTR register. The following series of instructions reads the value of the byte at address 0x1234 into the
accumulator A:
MOV
DPTR, #1234h
; load DPTR with 16-bit address to read (0x1234)
MOVX
A, @DPTR
; load contents of 0x1234 into accumulator A
The above example uses the 16-bit immediate MOV instruction to set the contents of DPTR. Alternately,
the DPTR can be accessed through the SFR registers DPH, which contains the upper 8-bits of DPTR, and
DPL, which contains the lower 8-bits of DPTR.
15.1.2. 8-Bit MOVX Example
The 8-bit form of the MOVX instruction uses the contents of the EMI0CN SFR to determine the upper 8-bits
of the effective address to be accessed and the contents of R0 or R1 to determine the lower 8-bits of the
effective address to be accessed. The following series of instructions read the contents of the byte at
address 0x1234 into the accumulator A.
MOV
EMI0CN, #12h
; load high byte of address into EMI0CN
MOV
R0, #34h
; load low byte of address into R0 (or R1)
MOVX
a, @R0
; load contents of 0x1234 into accumulator A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com