Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 156 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 156 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 152Page - Silicon Laboratories C8051F360 Datasheet HTML 153Page - Silicon Laboratories C8051F360 Datasheet HTML 154Page - Silicon Laboratories C8051F360 Datasheet HTML 155Page - Silicon Laboratories C8051F360 Datasheet HTML 156Page - Silicon Laboratories C8051F360 Datasheet HTML 157Page - Silicon Laboratories C8051F360 Datasheet HTML 158Page - Silicon Laboratories C8051F360 Datasheet HTML 159Page - Silicon Laboratories C8051F360 Datasheet HTML 160Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
156
Rev. 1.0
SFR Definition 15.2. EMI0CF: External Memory Configuration
Bits 7–5: UNUSED. Read = 000b. Write = don’t care.
Bit 4:
EMD2: EMIF Multiplex Mode Select.
0: EMIF operates in multiplexed address/data mode.
1: EMIF operates in non-multiplexed mode (separate address and data pins).
Bits 3–2: EMD1–0: EMIF Operating Mode Select.
These bits control the operating mode of the External Memory Interface.
00: Internal Only: MOVX accesses on-chip XRAM only. All effective addresses alias to
on-chip memory space.
01: Split Mode without Bank Select: Accesses below the 1 k boundary are directed on-chip.
Accesses above the 1 k boundary are directed off-chip. 8-bit off-chip MOVX operations
use the current contents of the Address High port latches to resolve upper address byte.
Note that in order to access off-chip space, EMI0CN must be set to a page that is not
contained in the on-chip address space.
10: Split Mode with Bank Select: Accesses below the 1 k boundary are directed on-chip.
Accesses above the 1 k boundary are directed off-chip. 8-bit off-chip MOVX operations
use the contents of EMI0CN to determine the high-byte of the address.
11: External Only: MOVX accesses off-chip XRAM only. On-chip XRAM is not visible to the
CPU.
Bits 1–0: EALE1–0: ALE Pulse-Width Select Bits (only has effect when EMD2 = 0).
00: ALE high and ALE low pulse width = 1 SYSCLK cycle.
01: ALE high and ALE low pulse width = 2 SYSCLK cycles.
10: ALE high and ALE low pulse width = 3 SYSCLK cycles.
11: ALE high and ALE low pulse width = 4 SYSCLK cycles.
SFR Page:
SFR Address:
F
0xC7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
–
–
EMD2
EMD1
EMD0
EALE1
EALE0
00000011
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com