Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 159 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 159 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 155Page - Silicon Laboratories C8051F360 Datasheet HTML 156Page - Silicon Laboratories C8051F360 Datasheet HTML 157Page - Silicon Laboratories C8051F360 Datasheet HTML 158Page - Silicon Laboratories C8051F360 Datasheet HTML 159Page - Silicon Laboratories C8051F360 Datasheet HTML 160Page - Silicon Laboratories C8051F360 Datasheet HTML 161Page - Silicon Laboratories C8051F360 Datasheet HTML 162Page - Silicon Laboratories C8051F360 Datasheet HTML 163Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 288 page
background image
Rev. 1.0
159
C8051F360/1/2/3/4/5/6/7/8/9
15.5. Memory Mode Selection
The external data memory space can be configured in one of four modes, shown in Figure 15.3, based on
the EMIF Mode bits in the EMI0CF register (SFR Definition 15.2). These modes are summarized below.
More information about the different modes can be found in Section “15.6. Timing” on page 160.
EMI0CF[3:2] = 00
0xFFFF
0x0000
EMI0CF[3:2] = 11
0xFFFF
0x0000
EMI0CF[3:2] = 01
0xFFFF
0x0000
EMI0CF[3:2] = 10
On-Chip XRAM
On-Chip XRAM
On-Chip XRAM
On-Chip XRAM
On-Chip XRAM
On-Chip XRAM
Off-Chip
Memory
(No Bank Select)
On-Chip XRAM
0xFFFF
0x0000
Off-Chip
Memory
(Bank Select)
On-Chip XRAM
Off-Chip
Memory
Figure 15.3. EMIF Operating Modes
15.5.1. Internal XRAM Only
When EMI0CF.[3:2] are set to ‘00’, all MOVX instructions will target the internal XRAM space on the
device. Memory accesses to addresses beyond the populated space will wrap on 1k boundaries. As an
example, the addresses 0x0400 and 0x1000 both evaluate to address 0x0000 in on-chip XRAM space.
•
8-bit MOVX operations use the contents of EMI0CN to determine the high-byte of the effective address
and R0 or R1 to determine the low-byte of the effective address.
•
16-bit MOVX operations use the contents of the 16-bit DPTR to determine the effective address.
15.5.2. Split Mode without Bank Select
When EMI0CF.[3:2] are set to ‘01’, the XRAM memory map is split into two areas, on-chip space and
off-chip space.
•
Effective addresses below the internal XRAM size boundary will access on-chip XRAM space.
•
Effective addresses above the internal XRAM size boundary will access off-chip space.
•
8-bit MOVX operations use the contents of EMI0CN to determine whether the memory access is
on-chip or off-chip. However, in the “No Bank Select” mode, an 8-bit MOVX operation will not drive the
upper 8-bits A[15:8] of the Address Bus during an off-chip access. This allows the user to manipulate
the upper address bits at will by setting the Port state directly via the port latches. This behavior is in
contrast with “Split Mode with Bank Select” described below. The lower 8-bits of the Address Bus
A[7:0] are driven, determined by R0 or R1.
•
16-bit MOVX operations use the contents of DPTR to determine whether the memory access is
on-chip or off-chip, and unlike 8-bit MOVX operations, the full 16-bits of the Address Bus A[15:0] are
driven during the off-chip transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com