Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 155 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 155 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 151Page - Silicon Laboratories C8051F360 Datasheet HTML 152Page - Silicon Laboratories C8051F360 Datasheet HTML 153Page - Silicon Laboratories C8051F360 Datasheet HTML 154Page - Silicon Laboratories C8051F360 Datasheet HTML 155Page - Silicon Laboratories C8051F360 Datasheet HTML 156Page - Silicon Laboratories C8051F360 Datasheet HTML 157Page - Silicon Laboratories C8051F360 Datasheet HTML 158Page - Silicon Laboratories C8051F360 Datasheet HTML 159Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 288 page
background image
Table 15.1. EMIF Pinout (C8051F360/3)
Rev. 1.0
155
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 15.1. EMI0CN: External Memory Interface Control
Bits 7–0: PGSEL[7:0]: XRAM Page Select Bits.
The XRAM Page Select Bits provide the high byte of the 16-bit external data memory
address when using an 8-bit MOVX command, effectively selecting a 256-byte page of
RAM.
0x00: 0x0000 to 0x00FF
0x01: 0x0100 to 0x01FF
...
0xFE: 0xFE00 to 0xFEFF
0xFF: 0xFF00 to 0xFFFF
SFR Page:
SFR Address:
all pages
0xAA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
PGSEL7
PGSEL6
PGSEL5
PGSEL4 PGSEL3
PGSEL2
PGSEL1
PGSEL0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Multiplexed Mode
Non Multiplexed Mode
Signal Name
Port Pin
Signal Name
Port Pin
/RD
P4.4
/RD
P4.4
/WR
P4.5
/WR
P4.5
ALE
P0.0
ALE
P0.0
D0/A0
P1.0
D0
P1.0
D1/A1
P1.1
D1
P1.1
D2/A2
P1.2
D2
P1.2
D3/A3
P1.3
D3
P1.3
D4/A4
P1.4
D4
P1.4
D5/A5
P1.5
D5
P1.5
D6/A6
P1.6
D6
P1.6
D7/A7
P1.7
D7
P1.7
A8
P3.4
A0
P2.0
A9
P3.5
A1
P2.1
A10
P3.6
A2
P2.2
A11
P3.7
A3
P2.3
A12
P4.0
A4
P2.4
A13
P4.1
A5
P2.5
A14
P4.2
A6
P2.6
A15
P4.3
A7
P2.7
–
–
A8
P3.4
–
–
A9
P3.5
––
A10
P3.6
––
A11
P3.7
––
A12
P4.0
––
A13
P4.1
––
A14
P4.2
––
A15
P4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com