Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 157 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 157 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 153Page - Silicon Laboratories C8051F360 Datasheet HTML 154Page - Silicon Laboratories C8051F360 Datasheet HTML 155Page - Silicon Laboratories C8051F360 Datasheet HTML 156Page - Silicon Laboratories C8051F360 Datasheet HTML 157Page - Silicon Laboratories C8051F360 Datasheet HTML 158Page - Silicon Laboratories C8051F360 Datasheet HTML 159Page - Silicon Laboratories C8051F360 Datasheet HTML 160Page - Silicon Laboratories C8051F360 Datasheet HTML 161Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 288 page
background image
Rev. 1.0
157
C8051F360/1/2/3/4/5/6/7/8/9
15.4. Multiplexed and Non-multiplexed Selection
The External Memory Interface is capable of acting in a Multiplexed mode or a Non-multiplexed mode,
depending on the state of the EMD2 (EMI0CF.4) bit.
15.4.1. Multiplexed Configuration
In Multiplexed mode, the Data Bus and the lower 8-bits of the Address Bus share the same Port pins:
AD[7:0]. In this mode, an external latch (74HC373 or equivalent logic gate) is used to hold the lower 8-bits
of the RAM address. The external latch is controlled by the ALE (Address Latch Enable) signal, which is
driven by the External Memory Interface logic. An example of a Multiplexed Configuration is shown in
Figure 15.1.
In Multiplexed mode, the external MOVX operation can be broken into two phases delineated by the state
of the ALE signal. During the first phase, ALE is high and the lower 8-bits of the Address Bus are pre-
sented to AD[7:0]. During this phase, the address latch is configured such that the ‘Q’ outputs reflect the
states of the ‘D’ inputs. When ALE falls, signaling the beginning of the second phase, the address latch
outputs remain fixed and are no longer dependent on the latch inputs. Later in the second phase, the Data
Bus controls the state of the AD[7:0] port at the time /RD or /WR is asserted.
See Section “15.6.2. Multiplexed Mode” on page 165 for more information.
ADDRESS/DATA BUS
ADDRESS BUS
E
M
I
F
A[15:8]
AD[7:0]
/WR
/RD
ALE
64 K X 8
SRAM
OE
WE
I/O[7:0]
74HC373
G
DQ
A[15:8]
A[7:0]
CE
VDD
8
(Optional)
Figure 15.1. Multiplexed Configuration Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com