Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 150 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 150 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 146Page - Silicon Laboratories C8051F360 Datasheet HTML 147Page - Silicon Laboratories C8051F360 Datasheet HTML 148Page - Silicon Laboratories C8051F360 Datasheet HTML 149Page - Silicon Laboratories C8051F360 Datasheet HTML 150Page - Silicon Laboratories C8051F360 Datasheet HTML 151Page - Silicon Laboratories C8051F360 Datasheet HTML 152Page - Silicon Laboratories C8051F360 Datasheet HTML 153Page - Silicon Laboratories C8051F360 Datasheet HTML 154Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
150
Rev. 1.0
SFR Definition 14.2. CCH0TN: Cache Tuning
Bits 7–4: CHMSCTL: Cache Miss Penalty Accumulator (Bits 4–1).
These are bits 4-1 of the Cache Miss Penalty Accumulator. To read these bits, they must first
be latched by reading the CHMSCTH bits in the CCH0MA Register (See SFR Definition
14.4).
Bit 3:
CHALGM: Cache Algorithm Select.
This bit selects the cache replacement algorithm.
0: Cache uses Rebound algorithm.
1: Cache uses Pseudo-random algorithm.
Bit 2:
CHFIXM: Cache Fix MOVC Enable.
This bit forces MOVC writes to the cache memory to use slot 0.
0: MOVC data is written according to the current algorithm selected by the CHALGM bit.
1: MOVC data is always written to cache slot 0.
Bits 1–0: CHMSTH: Cache Miss Penalty Threshold.
These bits determine when missed instruction data will be cached.
If data takes longer than CHMSTH clocks to obtain, it will be cached.
SFR Page:
SFR Address:
F
0xC9
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
CHMSCTL
CHALGM CHFIXM
CHMSTH
00000100
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com