Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 189 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 189 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 185Page - Silicon Laboratories C8051F360 Datasheet HTML 186Page - Silicon Laboratories C8051F360 Datasheet HTML 187Page - Silicon Laboratories C8051F360 Datasheet HTML 188Page - Silicon Laboratories C8051F360 Datasheet HTML 189Page - Silicon Laboratories C8051F360 Datasheet HTML 190Page - Silicon Laboratories C8051F360 Datasheet HTML 191Page - Silicon Laboratories C8051F360 Datasheet HTML 192Page - Silicon Laboratories C8051F360 Datasheet HTML 193Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 288 page
background image
Rev. 1.0
189
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 17.2. XBR1: Port I/O Crossbar Register 1
Bit 7:
WEAKPUD: Port I/O Weak Pullup Disable.
0: Weak Pullups enabled (except for Ports whose I/O are configured as analog input).
1: Weak Pullups disabled.
Bit 6:
XBARE: Crossbar Enable.
0: Crossbar disabled.
1: Crossbar enabled.
Bit 5:
T1E: T1 Enable
0: T1 unavailable at Port pin.
1: T1 routed to Port pin.
Bit 4:
T0E: T0 Enable
0: T0 unavailable at Port pin.
1: T0 routed to Port pin.
Bit 3:
ECIE: PCA0 External Counter Input Enable
0: ECI unavailable at Port pin.
1: ECI routed to Port pin.
Bits 2–0: PCA0ME: PCA Module I/O Enable Bits.
000: All PCA I/O unavailable at Port pins.
001: CEX0 routed to Port pin.
010: CEX0, CEX1 routed to Port pins.
011: CEX0, CEX1, CEX2 routed to Port pins.
100: CEX0, CEX1, CEX2, CEX3 routed to Port pins.
101: CEX0, CEX1, CEX2, CEX3, CEX4 routed to Port pins.
110: CEX0, CEX1, CEX2, CEX3, CEX4, CEX5 routed to Port pins.
111: Reserved.
SFR Page:
SFR Address:
F
0xE2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
WEAKPUD XBARE
T1E
T0E
ECIE
PCA0ME
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com