Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 200 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 200 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 196Page - Silicon Laboratories C8051F360 Datasheet HTML 197Page - Silicon Laboratories C8051F360 Datasheet HTML 198Page - Silicon Laboratories C8051F360 Datasheet HTML 199Page - Silicon Laboratories C8051F360 Datasheet HTML 200Page - Silicon Laboratories C8051F360 Datasheet HTML 201Page - Silicon Laboratories C8051F360 Datasheet HTML 202Page - Silicon Laboratories C8051F360 Datasheet HTML 203Page - Silicon Laboratories C8051F360 Datasheet HTML 204Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
200
Rev. 1.0
SFR Definition 17.25.
Bit 7:
UNUSED. Read = 0b. Write = don’t care.
Bits 6–0: P4.[6:0]
Write - Output appears on I/O pins per Crossbar Registers.
0: Logic Low Output.
1: Logic High Output (high impedance if corresponding P4MDOUT.n bit = 0).
Read - Directly reads Port pin.
0: P4.n pin is logic low.
1: P4.n pin is logic high.
SFR Page:
SFR Address:
all pages
0xB5
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
01111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P4: Port4
SFR Definition 17.26.
Bit 7:
UNUSED. Read = 0b. Write = don’t care.
Bits 6–0: Output Configuration Bits for P4.6-P4.0 (respectively).
0: Corresponding P4.n Output is open-drain.
1: Corresponding P4.n Output is push-pull.
SFR Page:
SFR Address:
F
0xAE
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
–
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P4MDOUT: Port4 Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com