Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 201 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 201 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 197Page - Silicon Laboratories C8051F360 Datasheet HTML 198Page - Silicon Laboratories C8051F360 Datasheet HTML 199Page - Silicon Laboratories C8051F360 Datasheet HTML 200Page - Silicon Laboratories C8051F360 Datasheet HTML 201Page - Silicon Laboratories C8051F360 Datasheet HTML 202Page - Silicon Laboratories C8051F360 Datasheet HTML 203Page - Silicon Laboratories C8051F360 Datasheet HTML 204Page - Silicon Laboratories C8051F360 Datasheet HTML 205Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 288 page
background image
Table 17.1. Port I/O DC Electrical Characteristics
VDD = 2.7 to 3.6 V, –40 to +85 °C unless otherwise specified.
Rev. 1.0
201
C8051F360/1/2/3/4/5/6/7/8/9
Parameters
Conditions
Min
Typ
Max
Units
Output High Voltage
IOH = –3 mA, Port I/O push-pull
IOH = –10 µA, Port I/O push-pull
IOH = –10 mA, Port I/O push-pull
VDD – 0.7
VDD – 0.1
—
—
—
VDD – 0.8
—
—
—
V
Output Low Voltage
IOL = 8.5 mA
IOL = 10 µA
IOL = 25 mA
—
—
—
—
—
1.0
0.6
0.1
—
V
Input High Voltage
2.0
—
—
V
Input Low Voltage
—
—
0.8
V
Input Leakage
Current
Weak Pullup Off
Weak Pullup On, VIN = 0 V
—
—
—
25
±1
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com