Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 205 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 205 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 201Page - Silicon Laboratories C8051F360 Datasheet HTML 202Page - Silicon Laboratories C8051F360 Datasheet HTML 203Page - Silicon Laboratories C8051F360 Datasheet HTML 204Page - Silicon Laboratories C8051F360 Datasheet HTML 205Page - Silicon Laboratories C8051F360 Datasheet HTML 206Page - Silicon Laboratories C8051F360 Datasheet HTML 207Page - Silicon Laboratories C8051F360 Datasheet HTML 208Page - Silicon Laboratories C8051F360 Datasheet HTML 209Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 288 page
background image
Rev. 1.0
205
C8051F360/1/2/3/4/5/6/7/8/9
overflow after 25 ms (and SMBTOE set), the Timer 3 interrupt service routine can be used to reset (disable
and re-enable) the SMBus in the event of an SCL low timeout.
18.3.4. SCL High (SMBus Free) Timeout
The SMBus specification stipulates that if the SCL and SDA lines remain high for more that 50 µs, the bus
is designated as free. When the SMBFTE bit in SMB0CF is set, the bus will be considered free if SCL and
SDA remain high for more than 10 SMBus clock source periods. If the SMBus is waiting to generate a
Master START, the START will be generated following this timeout. Note that a clock source is required for
free timeout detection, even in a slave-only implementation.
18.4. Using the SMBus
The SMBus can operate in both Master and Slave modes. The interface provides timing and shifting con-
trol for serial transfers; higher level protocol is determined by user software. The SMBus interface provides
the following application-independent features:
•
Byte-wise serial data transfers
•
Clock signal generation on SCL (Master Mode only) and SDA data synchronization
•
Timeout/bus error recognition, as defined by the SMB0CF configuration register
•
START/STOP timing, detection, and generation
•
Bus arbitration
•
Interrupt generation
•
Status information
SMBus interrupts are generated for each data byte or slave address that is transferred. When transmitting,
this interrupt is generated after the ACK cycle so that software may read the received ACK value; when
receiving data, this interrupt is generated before the ACK cycle so that software may define the outgoing
ACK value. See Section “18.5. SMBus Transfer Modes” on page 213 for more details on transmission
sequences.
Interrupts are also generated to indicate the beginning of a transfer when a master (START generated), or
the end of a transfer when a slave (STOP detected). Software should read the SMB0CN (SMBus Control
register) to find the cause of the SMBus interrupt. The SMB0CN register is described in Section
“18.4.2. SMB0CN Control Register” on page 209; Table 18.4 provides a quick SMB0CN decoding refer-
ence.
SMBus configuration options include:
•
Timeout detection (SCL Low Timeout and/or Bus Free Timeout)
•
SDA setup and hold time extensions
•
Slave event enable/disable
•
Clock source selection
These options are selected in the SMB0CF register, as described in Section “18.4.1. SMBus Configuration
Register” on page 206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com