Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 208 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 208 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 204Page - Silicon Laboratories C8051F360 Datasheet HTML 205Page - Silicon Laboratories C8051F360 Datasheet HTML 206Page - Silicon Laboratories C8051F360 Datasheet HTML 207Page - Silicon Laboratories C8051F360 Datasheet HTML 208Page - Silicon Laboratories C8051F360 Datasheet HTML 209Page - Silicon Laboratories C8051F360 Datasheet HTML 210Page - Silicon Laboratories C8051F360 Datasheet HTML 211Page - Silicon Laboratories C8051F360 Datasheet HTML 212Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
208
Rev. 1.0
SFR Definition 18.1. SMB0CF: SMBus Clock/Configuration
Bit 7:
ENSMB: SMBus Enable.
This bit enables/disables the SMBus interface. When enabled, the interface constantly mon-
itors the SDA and SCL pins.
0: SMBus interface disabled.
1: SMBus interface enabled.
Bit 6:
INH: SMBus Slave Inhibit.
When this bit is set to logic ‘1’, the SMBus does not generate an interrupt when slave events
occur. This effectively removes the SMBus slave from the bus. Master Mode interrupts are
not affected.
0: SMBus Slave Mode enabled.
1: SMBus Slave Mode inhibited.
Bit 5:
BUSY: SMBus Busy Indicator.
This bit is set to logic ‘1’ by hardware when a transfer is in progress. It is cleared to logic ‘0’
when a STOP or free-timeout is sensed.
Bit 4:
EXTHOLD: SMBus Setup and Hold Time Extension Enable.
This bit controls the SDA setup and hold times according to:
0: SDA Extended Setup and Hold Times disabled.
1: SDA Extended Setup and Hold Times enabled.
Bit 3:
SMBTOE: SMBus SCL Timeout Detection Enable.
This bit enables SCL low timeout detection. If set to logic ‘1’, the SMBus forces Timer 3 to
reload while SCL is high and allows Timer 3 to count when SCL goes low. If Timer 3 is con-
figured to Split Mode, only the High Byte of the timer is held in reload while SCL is high.
Timer 3 should be programmed to generate interrupts at 25 ms, and the Timer 3 interrupt
service routine should reset SMBus communication.
Bit 2:
SMBFTE: SMBus Free Timeout Detection Enable.
When this bit is set to logic ‘1’, the bus will be considered free if SCL and SDA remain high
for more than 10 SMBus clock source periods.
Bits 1–0: SMBCS1–SMBCS0: SMBus Clock Source Selection.
These two bits select the SMBus clock source, which is used to generate the SMBus bit
rate. The selected device should be configured according to Equation 18.1.
SFR Page:
SFR Address:
all pages
0xC1
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset Value
ENSMB
INH
BUSY
EXTHOLD SMBTOE SMBFTE SMBCS1
SMBCS0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SMBCS1
SMBCS0
SMBus Clock Source
0
0
Timer 0 Overflow
0
1
Timer 1 Overflow
1
0
Timer 2 High Byte Overflow
1
1
Timer 2 Low Byte Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com