Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 207 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 207 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 203Page - Silicon Laboratories C8051F360 Datasheet HTML 204Page - Silicon Laboratories C8051F360 Datasheet HTML 205Page - Silicon Laboratories C8051F360 Datasheet HTML 206Page - Silicon Laboratories C8051F360 Datasheet HTML 207Page - Silicon Laboratories C8051F360 Datasheet HTML 208Page - Silicon Laboratories C8051F360 Datasheet HTML 209Page - Silicon Laboratories C8051F360 Datasheet HTML 210Page - Silicon Laboratories C8051F360 Datasheet HTML 211Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 288 page
background image
Rev. 1.0
207
C8051F360/1/2/3/4/5/6/7/8/9
Figure 18.4 shows the typical SCL generation described by Equation 18.2. Notice that THIGH is typically
twice as large as TLOW. The actual SCL output may vary due to other devices on the bus (SCL may be
extended low by slower slave devices, or driven low by contending master devices). The bit rate when
operating as a master will never exceed the limits defined by equation Equation 18.1.
SCL
Timer Source
Overflows
SCL High Timeout
T
Low
T
High
Figure 18.4. Typical SMBus SCL Generation
Setting the EXTHOLD bit extends the minimum setup and hold times for the SDA line. The minimum SDA
setup time defines the absolute minimum time that SDA is stable before SCL transitions from low-to-high.
The minimum SDA hold time defines the absolute minimum time that the current SDA value remains stable
after SCL transitions from high-to-low. EXTHOLD should be set so that the minimum setup and hold times
meet the SMBus Specification requirements of 250 ns and 300 ns, respectively. Table 18.2 shows the min-
imum setup and hold times for the two EXTHOLD settings. Setup and hold time extensions are typically
necessary when SYSCLK is above 10 MHz.
Table 18.2. Minimum SDA Setup and Hold Times
*Note: Setup Time for ACK bit transmissions and the MSB of all data transfers. The s/w
delay occurs between the time SMB0DAT or ACK is written and when SI is cleared.
Note that if SI is cleared in the same write that defines the outgoing ACK value, s/w
delay is zero.
With the SMBTOE bit set, Timer 3 should be configured to overflow after 25 ms in order to detect SCL low
timeouts (see Section “18.3.3. SCL Low Timeout” on page 204). The SMBus interface will force Timer 3 to
reload while SCL is high, and allow Timer 3 to count when SCL is low. The Timer 3 interrupt service routine
should be used to reset SMBus communication by disabling and re-enabling the SMBus.
SMBus Free Timeout detection can be enabled by setting the SMBFTE bit. When this bit is set, the bus will
be considered free if SDA and SCL remain high for more than 10 SMBus clock source periods (see
Figure 18.4). When a Free Timeout is detected, the interface will respond as if a STOP was detected (an
interrupt will be generated, and STO will be set).
EXTHOLD
Minimum SDA Setup Time
Minimum SDA Hold Time
0
Tlow – 4 system clocks
or
1 system clock + s/w delay*
3 system clocks
1
11 system clocks
12 system clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com