Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 267 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 267 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 263Page - Silicon Laboratories C8051F360 Datasheet HTML 264Page - Silicon Laboratories C8051F360 Datasheet HTML 265Page - Silicon Laboratories C8051F360 Datasheet HTML 266Page - Silicon Laboratories C8051F360 Datasheet HTML 267Page - Silicon Laboratories C8051F360 Datasheet HTML 268Page - Silicon Laboratories C8051F360 Datasheet HTML 269Page - Silicon Laboratories C8051F360 Datasheet HTML 270Page - Silicon Laboratories C8051F360 Datasheet HTML 271Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 288 page
background image
Table 22.2. PCA0CPM Register Settings for PCA Capture/Compare Modules
Rev. 1.0
267
C8051F360/1/2/3/4/5/6/7/8/9
22.2.1. Edge-triggered Capture Mode
In this mode, a valid transition on the CEXn pin causes PCA0 to capture the value of the PCA0 counter/
timer and load it into the corresponding module's 16-bit capture/compare register (PCA0CPLn and
PCA0CPHn). The CAPPn and CAPNn bits in the PCA0CPMn register are used to select the type of transi-
tion that triggers the capture: low-to-high transition (positive edge), high-to-low transition (negative edge),
or either transition (positive or negative edge). When a capture occurs, the Capture/Compare Flag (CCFn)
in PCA0CN is set to logic ‘1’ and an interrupt request is generated if CCF interrupts are enabled. The
CCFn bit is not automatically cleared by hardware when the CPU vectors to the interrupt service routine,
and must be cleared by software. If both CAPPn and CAPNn bits are set to logic ‘1’, then the state of the
Port pin associated with CEXn can be read directly to determine whether a rising-edge or falling-edge
caused the capture.
PCA0L
PCA0CPLn
PCA
Timebase
CEXn
Crossbar
Port I/O
PCA0H
Capture
PCA0CPHn
0
1
0
1
PCA Interrupt
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
PCA0CN
C
F
C
R
C
C
F
0
C
C
F
2
C
C
F
1
C
C
F
5
C
C
F
4
C
C
F
3
Figure 22.4. PCA Capture Mode Diagram
Note: The signal at CEXn must be high or low for at least 2 system clock cycles to be recognized by the
hardware.
PWM16 ECOM CAPP CAPN MAT
TOG
PWM ECCF
Operation Mode
XX
1
0
0
0
0
X
Capture triggered by positive edge on
CEXn
XX
0
1
0
0
0
X
Capture triggered by negative edge on
CEXn
XX
1
1
0
0
0
X
Capture triggered by transition on
CEXn
X
1
0
0
1
0
0
X
Software Timer
X
1
0
0
1
1
0
X
High Speed Output
X
1
0
0
0
1
1
X
Frequency Output
0
1
0
0
0
0
1
0
8-Bit Pulse Width Modulator
1
1
0
0
0
0
1
0
16-Bit Pulse Width Modulator
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com