Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 271 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 271 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 267Page - Silicon Laboratories C8051F360 Datasheet HTML 268Page - Silicon Laboratories C8051F360 Datasheet HTML 269Page - Silicon Laboratories C8051F360 Datasheet HTML 270Page - Silicon Laboratories C8051F360 Datasheet HTML 271Page - Silicon Laboratories C8051F360 Datasheet HTML 272Page - Silicon Laboratories C8051F360 Datasheet HTML 273Page - Silicon Laboratories C8051F360 Datasheet HTML 274Page - Silicon Laboratories C8051F360 Datasheet HTML 275Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 288 page
background image
Rev. 1.0
271
C8051F360/1/2/3/4/5/6/7/8/9
22.2.5. 8-Bit Pulse Width Modulator Mode
Each module can be used independently to generate pulse width modulated (PWM) outputs on its associ-
ated CEXn pin. The frequency of the output is dependent on the timebase for the PCA0 counter/timer. The
duty cycle of the PWM output signal is varied using the module's PCA0CPLn capture/compare register.
When the value in the low byte of the PCA0 counter/timer (PCA0L) is equal to the value in PCA0CPLn, the
output on the CEXn pin will be high. When the count value in PCA0L overflows, the CEXn output will be
low (see Figure 22.8). Also, when the counter/timer low byte (PCA0L) overflows from 0xFF to 0x00,
PCA0CPLn is reloaded automatically with the value stored in the counter/timer's high byte (PCA0H) with-
out software intervention. Setting the ECOMn and PWMn bits in the PCA0CPMn register enables 8-Bit
Pulse Width Modulator mode. The duty cycle for 8-Bit PWM Mode is given by Equation 22.2.
DutyCycle
256 PCA0CPHn
–
()
256
---------------------------------------------------
=
Equation 22.2. 8-Bit PWM Duty Cycle
Using Equation 22.2, the largest duty cycle is 100% (PCA0CPHn = 0), and the smallest duty cycle is
0.39% (PCA0CPHn = 0xFF). A 0% duty cycle may be generated by clearing the ECOMn bit to ‘0’.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
8-bit
Comparator
PCA0L
PCA0CPLn
PCA0CPHn
CEXn
Crossbar
Port I/O
Enable
Overflow
PCA Timebase
00 00
0
Q
Q
SET
CLR
S
R
match
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
0
Figure 22.8. PCA 8-Bit PWM Mode Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com