Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 272 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 272 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 268Page - Silicon Laboratories C8051F360 Datasheet HTML 269Page - Silicon Laboratories C8051F360 Datasheet HTML 270Page - Silicon Laboratories C8051F360 Datasheet HTML 271Page - Silicon Laboratories C8051F360 Datasheet HTML 272Page - Silicon Laboratories C8051F360 Datasheet HTML 273Page - Silicon Laboratories C8051F360 Datasheet HTML 274Page - Silicon Laboratories C8051F360 Datasheet HTML 275Page - Silicon Laboratories C8051F360 Datasheet HTML 276Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
272
Rev. 1.0
22.2.6. 16-Bit Pulse Width Modulator Mode
Each PCA0 module may also be operated in 16-Bit PWM mode. In this mode, the 16-bit capture/compare
module defines the number of PCA0 clocks for the low time of the PWM signal. When the PCA0 counter
matches the module contents, the output on CEXn is asserted high; when the counter overflows, CEXn is
asserted low. To output a varying duty cycle, new value writes should be synchronized with PCA0 CCFn
match interrupts. 16-Bit PWM Mode is enabled by setting the ECOMn, PWMn, and PWM16n bits in the
PCA0CPMn register. For a varying duty cycle, CCFn should also be set to logic ‘1’ to enable match inter-
rupts. The duty cycle for 16-Bit PWM Mode is given by Equation 22.3.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
Equation 22.3. 16-Bit PWM Duty Cycle
DutyCycle
65536 PCA0CPn
–
()
65536
-----------------------------------------------------
=
Using Equation 22.3, the largest duty cycle is 100% (PCA0CPn = 0), and the smallest duty cycle is
0.0015% (PCA0CPn = 0xFFFF). A 0% duty cycle may be generated by clearing the ECOMn bit to ‘0’.
PCA0CPLn
PCA0CPHn
Enable
PCA Timebase
000 0
0
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
1
16-bit Comparator
CEXn
Crossbar
Port I/O
Overflow
Q
Q
SET
CLR
S
R
match
PCA0H
PCA0L
Figure 22.9. PCA 16-Bit PWM Mode
22.3. Watchdog Timer Mode
A programmable watchdog timer (WDT) function is available through the PCA Module 5. The WDT is used
to generate a reset if the time between writes to the WDT update register (PCA0CPH5) exceed a specified
limit. The WDT can be configured and enabled/disabled as needed by software.
With the WDTE bit set in the PCA0MD register, Module 5 operates as a watchdog timer (WDT). The
Module 5 high byte is compared to the PCA counter high byte; the Module 5 low byte holds the offset to be
used when WDT updates are performed. The Watchdog Timer is enabled on reset. Writes to some
PCA registers are restricted while the Watchdog Timer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com