Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 276 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 276 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 272Page - Silicon Laboratories C8051F360 Datasheet HTML 273Page - Silicon Laboratories C8051F360 Datasheet HTML 274Page - Silicon Laboratories C8051F360 Datasheet HTML 275Page - Silicon Laboratories C8051F360 Datasheet HTML 276Page - Silicon Laboratories C8051F360 Datasheet HTML 277Page - Silicon Laboratories C8051F360 Datasheet HTML 278Page - Silicon Laboratories C8051F360 Datasheet HTML 279Page - Silicon Laboratories C8051F360 Datasheet HTML 280Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
276
Rev. 1.0
22.4. Register Descriptions for PCA0
Following are detailed descriptions of the special function registers related to the operation of PCA0.
SFR Definition 22.1. PCA0CN: PCA Control
Bit 7:
CF: PCA Counter/Timer Overflow Flag.
Set by hardware when the PCA0 Counter/Timer overflows from 0xFFFF to 0x0000. When
the Counter/Timer Overflow (CF) interrupt is enabled, setting this bit causes the CPU to vec-
tor to the CF interrupt service routine. This bit is not automatically cleared by hardware and
must be cleared by software.
Bit 6:
CR: PCA0 Counter/Timer Run Control.
This bit enables/disables the PCA0 Counter/Timer.
0: PCA0 Counter/Timer disabled.
1: PCA0 Counter/Timer enabled.
Bit 5:
CCF5: PCA0 Module 5 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit 4:
CCF4: PCA0 Module 4 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit 3:
CCF3: PCA0 Module 3 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit 2:
CCF2: PCA0 Module 2 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit 1:
CCF1: PCA0 Module 1 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
Bit 0:
CCF0: PCA0 Module 0 Capture/Compare Flag.
This bit is set by hardware when a match or capture occurs. When the CCF interrupt is
enabled, setting this bit causes the CPU to vector to the CCF interrupt service routine. This
bit is not automatically cleared by hardware and must be cleared by software.
SFR Page:
SFR Address:
all pages
0xD8
(bit addressable)
R/WR/WR/WR/WR/WR/WR/W
R/W
Reset Value
CF
CR
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com