| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 274 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 274 Page - Silicon Laboratories |
|
274 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 274 Rev. 1.0 Note that the 8-bit offset held in PCA0CPH5 is compared to the upper byte of the 16-bit PCA counter. This offset value is the number of PCA0L overflows before a reset. Up to 256 PCA clocks may pass before the first PCA0L overflow occurs, depending on the value of the PCA0L when the update is performed. The total offset is then given (in PCA clocks) by Equation 22.4, where PCA0L is the value of the PCA0L register at the time of the update. Equation 22.4. Watchdog Timer Offset in PCA Clocks Offset 256 PCA0CPL5 × () 256 PCA0L – () + = The WDT reset is generated when PCA0L overflows while there is a match between PCA0CPH5 and PCA0H. Software may force a WDT reset by writing a ‘1’ to the CCF5 flag (PCA0CN.5) while the WDT is enabled. 22.3.2. Watchdog Timer Usage To configure the WDT, perform the following tasks: • Disable the WDT by writing a ‘0’ to the WDTE bit. • Select the desired PCA clock source (with the CPS2-CPS0 bits). • Load PCA0CPL5 with the desired WDT update offset value. • Configure the PCA Idle mode (set CIDL if the WDT should be suspended while the CPU is in Idle mode). • Enable the WDT by setting the WDTE bit to ‘1’. • Write a value to PCA0CPH5 to reload the WDT. The PCA clock source and Idle mode select cannot be changed while the WDT is enabled. The watchdog timer is enabled by setting the WDTE or WDLCK bits in the PCA0MD register. When WDLCK is set, the WDT cannot be disabled until the next system reset. If WDLCK is not set, the WDT is disabled by clearing the WDTE bit. The WDT is enabled following any reset. The PCA0 counter clock defaults to the system clock divided by 12, PCA0L defaults to 0x00, and PCA0CPL5 defaults to 0x00. Using Equation 22.4, this results in a WDT timeout interval of 3072 system clock cycles. Table 22.3 lists some example timeout intervals for typical system clocks. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |