Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 270 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 270 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 266Page - Silicon Laboratories C8051F360 Datasheet HTML 267Page - Silicon Laboratories C8051F360 Datasheet HTML 268Page - Silicon Laboratories C8051F360 Datasheet HTML 269Page - Silicon Laboratories C8051F360 Datasheet HTML 270Page - Silicon Laboratories C8051F360 Datasheet HTML 271Page - Silicon Laboratories C8051F360 Datasheet HTML 272Page - Silicon Laboratories C8051F360 Datasheet HTML 273Page - Silicon Laboratories C8051F360 Datasheet HTML 274Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
270
Rev. 1.0
22.2.4. Frequency Output Mode
Frequency Output Mode produces a programmable-frequency square wave on the module’s associated
CEXn pin. The capture/compare module high byte holds the number of PCA clocks to count before the out-
put is toggled. The frequency of the square wave is then defined by Equation 22.1.
Equation 22.1. Square Wave Frequency Output
Fsqr
FPCA
2 PCA0CPHn
×
-----------------------------------------
=
Note: A value of 0x00 in the PCA0CPHn register is equal to 256 for this equation.
Where FPCA is the frequency of the clock selected by the CPS2–0 bits in the PCA mode register,
PCA0MD. The lower byte of the capture/compare module is compared to the PCA0 counter low byte; on a
match, CEXn is toggled and the offset held in the high byte is added to the matched value in PCA0CPLn.
Frequency Output Mode is enabled by setting the ECOMn, TOGn, and PWMn bits in the PCA0CPMn reg-
ister.
Important Note About Capture/Compare Registers: When writing a 16-bit value to the PCA0 Capture/
Compare registers, the low byte should always be written first. Writing to PCA0CPLn clears the ECOMn bit
to ‘0’; writing to PCA0CPHn sets ECOMn to ‘1’.
8-bit
Comparator
PCA0L
Enable
PCA Timebase
00 0
0
match
PCA0CPMn
P
W
M
1
6
n
E
C
O
M
n
E
C
C
F
n
T
O
G
n
P
W
M
n
C
A
P
P
n
C
A
P
N
n
M
A
T
n
0
PCA0CPHn
8-bit Adder
PCA0CPLn
Adder
Enable
CEXn
Crossbar
Port I/O
Toggle
0
1
TOGn
1
Figure 22.7. PCA Frequency Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com