Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 139 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments XIO2000A Datasheet HTML 137Page - Texas Instruments XIO2000A Datasheet HTML 138Page - Texas Instruments XIO2000A Datasheet HTML 139Page - Texas Instruments XIO2000A Datasheet HTML 140Page - Texas Instruments XIO2000A Datasheet HTML 141Page - Texas Instruments XIO2000A Datasheet HTML 142Page - Texas Instruments XIO2000A Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 155 page
background image
Electrical Characteristics
129
April 2007
SCPS155B
7
Electrical Characteristics
7.1
Absolute Maximum Ratings Over Operating Temperature Ranges †
Supply voltage range:
VDD_33
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD_15
–0.5 V to 1.65 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCP
–0.5 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,
VI: PCI
–0.5 V to VCCP + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI: PCI Express (RX)
–0.6 V to 0.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VI: PCI Express REFCLK (single-ended)
–0.5 V toVDD_33 + 0.5 V
. . . . . . . . . . . .
VI: PCI Express REFCLK (differential)
–0.5 V toVDD_15 + 0.5 V
. . . . . . . . . . . . . .
VI: Miscellaneous 3.3-V IO
–0.5 V to VDD_33 + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range:
VO: PCI
–0.5 V to VDD_33 + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO: PCI Express (TX)
–0.5 V to VDD_15 + 0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO: Miscellaneous 3.3-V IO
–0.5 V to VDD_33 + 0.5 V
. . . . . . . . . . . . . . . . . . . . . .
Input clamp current, (VI < 0 or VI > VDD) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, (VO < 0 or VO > VDD) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Human body model (HBM) ESD performance
1500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged device model (CDM) ESD performance
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Applies for external input and bidirectional buffers. VI < 0 or VI > VDD or VI > VCCP.
2. Applies to external output and bidirectional buffers. VO < 0 or VO > VDD or VO > VCCP.
7.2
Recommended Operation Conditions
OPERATION
MIN
NOM
MAX
UNITS
VDD_15
Supply voltage
1.5 V
1.35
1.5
1.65
V
VDDA_15
Supply voltage
1.5 V
1.35
1.5
1.65
V
VDD_33
VDDA_33
Supply voltage
3.3 V
3
3.3
3.6
V
VDDA_33_AUX
Supply voltage
3.3 V
3
3.3
3.6
V
VCCP
PCI bus clamping rail voltage
3.3 V
3
3.3
3.6
V
VCCP
PCI bus clamping rail voltage
5.0 V
4.75
5
5.25
V
TA
Operating ambient temperature range
0
25
70
_C
TJ
Virtual junction temperature (Note 3)
0
25
115
_C
NOTE 3: The junction temperature reflects simulated conditions. The customer is responsible for verifying junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com