Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 135 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 131Page - Texas Instruments XIO2000A Datasheet HTML 132Page - Texas Instruments XIO2000A Datasheet HTML 133Page - Texas Instruments XIO2000A Datasheet HTML 134Page - Texas Instruments XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments XIO2000A Datasheet HTML 137Page - Texas Instruments XIO2000A Datasheet HTML 138Page - Texas Instruments XIO2000A Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
125
April 2007
SCPS155B
6.23 Serial IRQ Mode Control Register
This register controls the behavior of the serial IRQ controller. This register is an alias for the serial IRQ mode
control register in the classic PCI configuration space (offset E0h, see Section 4.72). See Table 6−12 for a
complete description of the register contents.
Device control memory window register offset:
48h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6−12. Serial IRQ Mode Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
R
Reserved. Returns 0h when read.
3:2†
START_WIDTH
RW
Start frame pulse width. Used to set the width of the start frame for a SERIRQ stream.
00 = 4 clocks (default)
01 = 6 clocks
10 = 8 clocks
11 = Reserved
1†
POLLMODE
RW
Poll mode. This bit selects between continuous and quiet mode.
0 = Continuous mode (default)
1 = Quiet mode
0†
DRIVEMODE
RW
Drive mode. This bit selects the behavior of the serial IRQ controller during the recovery cycle.
0 = Drive high (default)
1 = Tri-state
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com