Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 134 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 130Page - Texas Instruments XIO2000A Datasheet HTML 131Page - Texas Instruments XIO2000A Datasheet HTML 132Page - Texas Instruments XIO2000A Datasheet HTML 133Page - Texas Instruments XIO2000A Datasheet HTML 134Page - Texas Instruments XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments XIO2000A Datasheet HTML 137Page - Texas Instruments XIO2000A Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
124
April 2007
SCPS155B
6.22 Serial-Bus Control and Status Register
The serial-bus control and status register controls the behavior of the serial-bus interface. This register also
provides status information about the state of the serial-bus. This register is an alias for the serial-bus control
and status register in the PCI header (offset B3h, see Section 4.58). See Table 6−11 for a complete description
of the register contents.
Device control memory window register offset:
47h
Register type:
Read-only, Read/Write, Read/Clear
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6−11. Serial-Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7†
PROT_SEL
RW
Protocol select. This bit selects the serial-bus address mode used.
0 = Slave address and word address are sent on the serial-bus (default)
1 = Only the slave address is sent on the serial-bus
6
RSVD
R
Reserved. Returns 0b when read.
5†
REQBUSY
RU
Requested serial-bus access busy. This bit is set when a software-initiated serial-bus cycle is in
progress.
0 = No serial-bus cycle
1 = Serial-bus cycle in progress
4†
ROMBUSY
RU
Serial EEPROM access busy. This bit is set when the serial EEPROM circuitry in the bridge is
downloading register defaults from a serial EEPROM.
0 = No EEPROM activity
1 = EEPROM download in progress
3†
SBDETECT
RWU
Serial EEPROM detected. This bit enables the serial-bus interface. The value of this bit controls
whether the GPIO4//SCL and GPIO5//SDA terminals are configured as GPIO signals or as
serial-bus signals. This bit is automatically set to 1b when a serial EEPROM is detected.
Note: A serial EEPROM is only detected once following PERST.
0 = No EEPROM present, EEPROM load process does not happen. GPIO4//SCL and
GPIO5//SDA terminals are configured as GPIO signals.
1 = EEPROM present, EEPROM load process takes place. GPIO4//SCL and GPIO5//SDA
terminals are configured as serial-bus signals.
2†
SBTEST
RW
Serial-bus test. This bit is used for internal test purposes. This bit controls the clock source for the
serial interface clock.
0 = Serial-bus clock at normal operating frequency ~ 60 kHz (default)
1 = Serial-bus clock frequency increased for test purposes ~ 4 MHz
1†
SB_ERR
RCU
Serial-bus error. This bit is set when an error occurs during a software-initiated serial-bus cycle.
0 = No error
1 = Serial-bus error
0†
ROM_ERR
RCU
Serial EEPROM load error. This bit is set when an error occurs while downloading registers from a
serial EEPROM.
0 = No Error
1 = EEPROM load error
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com