Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 133 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 129Page - Texas Instruments XIO2000A Datasheet HTML 130Page - Texas Instruments XIO2000A Datasheet HTML 131Page - Texas Instruments XIO2000A Datasheet HTML 132Page - Texas Instruments XIO2000A Datasheet HTML 133Page - Texas Instruments XIO2000A Datasheet HTML 134Page - Texas Instruments XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments XIO2000A Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
123
April 2007
SCPS155B
6.20 Serial-Bus Word Address Register
The value written to the serial-bus word address register represents the word address of the byte being read
from or written to on the serial-bus interface. The word address is loaded into this register prior to writing the
serial-bus slave address register that initiates the bus cycle. This register is an alias for the serial-bus word
address register in the PCI header (offset B1h, see Section 4.56). This register is reset by a PCI Express reset
(PERST), a GRST, or the internally-generated power-on reset.
Device control memory window register offset:
45h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
6.21 Serial-Bus Slave Address Register
The serial-bus slave address register indicates the address of the device being targeted by the serial-bus
cycle. This register also indicates if the cycle will be a read or a write cycle. Writing to this register initiates the
cycle on the serial interface. This register is an alias for the serial-bus slave address register in the PCI header
(offset B2h, see Section 4.57). See Table 6−10 for a complete description of the register contents.
Device control memory window register offset:
46h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 6−10. Serial-Bus Slave Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:1†
SLAVE_ADDR
RW
Serial-bus slave address. This 7-bit field is the slave address for a serial-bus read or write
transaction. The default value for this field is 000 0000b.
0†
RW_CMD
RW
Read/write command. This bit determines if the serial-bus cycle is a read or a write cycle.
0 = A single byte write is requested (default)
1 = A single byte read is requested
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com