Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 132 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 128Page - Texas Instruments XIO2000A Datasheet HTML 129Page - Texas Instruments XIO2000A Datasheet HTML 130Page - Texas Instruments XIO2000A Datasheet HTML 131Page - Texas Instruments XIO2000A Datasheet HTML 132Page - Texas Instruments XIO2000A Datasheet HTML 133Page - Texas Instruments XIO2000A Datasheet HTML 134Page - Texas Instruments XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
122
April 2007
SCPS155B
6.18 GPIO Data Register
This register reads the state of the input mode GPIO terminals and changes the state of the output mode GPIO
terminals. Writing to a bit that is in input mode or is enabled for a secondary function is ignored. The secondary
functions share GPIO0 (CLKRUN), GPIO1 (PWR_OVRD), GPIO4 (SCL), and GPIO5 (SDA). The default
value at power up depends on the state of the GPIO terminals as they default to general-purpose inputs. This
register is an alias of the GPIO data register in the classic PCI configuration space (offset B6h, see
Section 4.60). See Table 6−9 for a complete description of the register contents.
Device control memory window register offset:
42h
Register type:
Read-only, Read/Write
Default value:
00XXh
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
x
x
x
x
x
x
x
x
Table 6−9. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:8
RSVD
R
Reserved. Returns 00h when read.
7†
GPIO7_Data
RW
GPIO 7 data. This bit reads the state of GPIO7 when in input mode or changes the state of
GPIO7 when in output mode.
6†
GPIO6_Data
RW
GPIO 6 data. This bit reads the state of GPIO6 when in input mode or changes the state of
GPIO6 when in output mode.
5†
GPIO5_Data
RW
GPIO 5 data. This bit reads the state of GPIO5 when in input mode or changes the state of
GPIO5 when in output mode.
4†
GPIO4_Data
RW
GPIO 4 data. This bit reads the state of GPIO4 when in input mode or changes the state of
GPIO4 when in output mode.
3†
GPIO3_Data
RW
GPIO 3 data. This bit reads the state of GPIO3 when in input mode or changes the state of
GPIO3 when in output mode.
2†
GPIO2_Data
RW
GPIO 2 data. This bit reads the state of GPIO2 when in input mode or changes the state of
GPIO2 when in output mode.
1†
GPIO1_Data
RW
GPIO 1 data. This bit reads the state of GPIO1 when in input mode or changes the state of
GPIO1 when in output mode.
0†
GPIO0_Data
RW
GPIO 0 data. This bit reads the state of GPIO0 when in input mode or changes the state of
GPIO0 when in output mode.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
6.19 Serial-Bus Data Register
The serial-bus data register reads and writes data on the serial-bus interface. Write data is loaded into this
register prior to writing the serial-bus slave address register that initiates the bus cycle. When reading data
from the serial bus, this register contains the data read after bit 5 (REQBUSY) in the serial-bus control and
status register (offset 47h, see Section 6.22) is cleared. This register is an alias for the serial-bus data register
in the PCI header (offset B0h, see Section 4.55). This register is reset by a PCI Express reset (PERST), a
GRST, or the internally-generated power-on reset.
Device control memory window register offset:
44h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com