Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 137 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 133Page - Texas Instruments XIO2000A Datasheet HTML 134Page - Texas Instruments XIO2000A Datasheet HTML 135Page - Texas Instruments XIO2000A Datasheet HTML 136Page - Texas Instruments XIO2000A Datasheet HTML 137Page - Texas Instruments XIO2000A Datasheet HTML 138Page - Texas Instruments XIO2000A Datasheet HTML 139Page - Texas Instruments XIO2000A Datasheet HTML 140Page - Texas Instruments XIO2000A Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 155 page
background image
Memory-Mapped TI Proprietary Register Space
127
April 2007
SCPS155B
Table 6−13. Serial IRQ Edge Control Register Description (Continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
3†
IRQ3_MODE
RW
IRQ 3 edge mode
0 = Edge mode (default)
1 = Level mode
2†
IRQ2_MODE
RW
IRQ 2 edge mode
0 = Edge mode (default)
1 = Level mode
1†
IRQ1_MODE
RW
IRQ 1 edge mode
0 = Edge mode (default)
1 = Level mode
0†
IRQ0_MODE
RW
IRQ 0 edge mode
0 = Edge mode (default)
1 = Level mode
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
6.25 Serial IRQ Status Register
This register indicates when a level mode IRQ is signaled on the serial IRQ stream. After a level mode IRQ
is signaled, a write-back of 1b to the asserted IRQ status bit re-arms the interrupt. IRQ interrupts that are
defined as edge mode in the serial IRQ edge control register are not reported in this status register.
This register is an alias for the serial IRQ status register in the classic PCI configuration space (offset E4h,
see Section 4.74). See Table 6−14 for a complete description of the register contents.
Device control memory window register offset:
4Ch
Register type:
Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 6−14. Serial IRQ Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
IRQ15
RCU
IRQ 15 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
14
IRQ14
RCU
IRQ 14 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
13
IRQ13
RCU
IRQ 13 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
12
IRQ12
RCU
IRQ 12 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
11
IRQ11
RCU
IRQ 11 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
10
IRQ10
RCU
IRQ 10 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted
9
IRQ9
RCU
IRQ 9 asserted. This bit indicates that the IRQ has been asserted.
0 = Deasserted
1 = Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com