Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 144 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 140Page - Texas Instruments XIO2000A Datasheet HTML 141Page - Texas Instruments XIO2000A Datasheet HTML 142Page - Texas Instruments XIO2000A Datasheet HTML 143Page - Texas Instruments XIO2000A Datasheet HTML 144Page - Texas Instruments XIO2000A Datasheet HTML 145Page - Texas Instruments XIO2000A Datasheet HTML 146Page - Texas Instruments XIO2000A Datasheet HTML 147Page - Texas Instruments XIO2000A Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 155 page
background image
Electrical Characteristics
134
April 2007
SCPS155B
13. A TRX-EYE = 0.40 UI provides for a total sum of 0.60 UI deterministic and random jitter budget for the transmitter and interconnect
collected any 250 consecutive UIs. The TRX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter distribution in which the median
and the maximum deviation from the median is less than half of the total UI jitter budget collected over any 250 consecutive TX UIs.
It must be noted that the median is not the same as the mean. The jitter median describes the point in time where the number of
jitter points on either side is approximately equal as opposed to the averaged time value. If the clocks to the RX and TX are not derived
from the same reference clock, then the TX UI recovered from 3500 consecutive UIs must be used as the reference for the eye
diagram.
14. The receiver input impedance results in a differential return loss greater than or equal to 15 dB with the P line biased to 300 mV and
the N line biased to −300 mV and a common mode return loss greater than or equal to 6 dB (no bias required) over a frequency range
of 50 MHz to 1.25 GHz. This input impedance requirement applies to all valid input levels. The reference impedance for return loss
measurements for is 50
Ω to ground for both the P and N line (i.e., as measured by a Vector Network Analyzer with 50-Ω probes).
The series capacitors CTX is optional for the return loss measurement.
15. Impedance during all link training status state machine (LTSSM) states. When transitioning from a PCI Express reset to the detect
state (the initial state of the LTSSM) there is a 5-ms transition time before receiver termination values must be met on the
unconfigured lane of a port.
16. The RX dc common mode impedance that exists when no power is present or PCI Express reset is asserted. This helps ensure that
the receiver detect circuit does not falsely assume a receiver is powered on when it is not. This term must be measured at 300 mV
above the RX ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com