Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 145 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 141Page - Texas Instruments XIO2000A Datasheet HTML 142Page - Texas Instruments XIO2000A Datasheet HTML 143Page - Texas Instruments XIO2000A Datasheet HTML 144Page - Texas Instruments XIO2000A Datasheet HTML 145Page - Texas Instruments XIO2000A Datasheet HTML 146Page - Texas Instruments XIO2000A Datasheet HTML 147Page - Texas Instruments XIO2000A Datasheet HTML 148Page - Texas Instruments XIO2000A Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 155 page
background image
Electrical Characteristics
135
April 2007
SCPS155B
7.6
PCI Express Differential Reference Clock Input Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNITS
COMMENTS
fIN-DIFF
Differential input
frequency
REFCLK+
REFCLK−
100
MHz
The input frequency is 100 MHz + 300 ppm and
− 2800 ppm including SSC-dictated variations.
fIN-SE
Single-ended input
frequency
REFCLK+
125
MHz
The input frequency is 125 MHz
± 300 ppm.
VRX-DIFFp-p
Differential input
peak-to-peak voltage
REFCLK+
REFCLK−
0.175
1.200
V
VRX-DIFFp-p = 2*|VREFCLK+ − VREFCLK−|
VIH-SE
REFCLK+
0.7 VDDA_33
VDDA_33
V
Single-ended, reference clock mode high-level
input voltage
VIL-SE
REFCLK+
0
0.3 VDDA_33
V
Single-ended, reference clock mode low-level
input voltage
VRX-CM-ACp
AC peak common
mode input voltage
REFCLK+
REFCLK−
140
mV
VRX-CM-ACp =RMS(|VREFCLK++VREFCLK−|/2 –
VRX-CM-DC)
VRX-CM-DC=DC(avg)of|VREFCLK++VREFCLK−|/2
Duty cycle
REFCLK+
REFCLK−
40%
60%
Differential and single-ended waveform input
duty cycle
ZRX-DIFF-DC
DC differential input
impedance
REFCLK+
REFCLK−
20
k
Ω
REFCLK+/− dc differential mode impedance
ZRX-DC
DC input impedance
REFCLK+
REFCLK−
20
k
Ω
REFCLK+ dc single-ended mode impedance
NOTE 17: The XIO2000A is compliant with the defined system jitter models for a PCI-Express reference clock and associated TX/RX link. These
system jitter models are described in the PCI-Express Jitter Modeling, Revision 1.0RD document. Any usage of the XIO2000A in a
system configuration that does not conform to the defined system jitter models requires the system designer to validate the system jitter
budgets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com