Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 148 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 144Page - Texas Instruments XIO2000A Datasheet HTML 145Page - Texas Instruments XIO2000A Datasheet HTML 146Page - Texas Instruments XIO2000A Datasheet HTML 147Page - Texas Instruments XIO2000A Datasheet HTML 148Page - Texas Instruments XIO2000A Datasheet HTML 149Page - Texas Instruments XIO2000A Datasheet HTML 150Page - Texas Instruments XIO2000A Datasheet HTML 151Page - Texas Instruments XIO2000A Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 155 page
background image
Electrical Characteristics
138
April 2007
SCPS155B
7.11 PCI Bus Parameter Measurement Information
† CLOAD includes the typical load-circuit distributed capacitance.
CLOAD
Test
Point
Timing
Input
(see Note A )
Out-of-Phase
Output
tpd
50% VDD
50% VDD
VDD
0 V
0 V
0 V
0 V
0 V
VOL
th
tsu
VOH
VOH
VOL
High-Level
Input
Low-Level
Input
tw
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
LOAD CIRCUIT
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
tpd
tpd
tpd
VLOAD
IOH
IOL
From Output
Under Test
90% VDD
10% VDD
tf
tr
Output
Control
(low-level
enabling)
Waveform 1
(see Note B)
Waveform 2
(see Note B)
VOL
VOH
VOH − 0.3 V
tPZL
tPZH
tPLZ
tPHZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VOL + 0.3 V
0 V
0 V
≈ 50% VDD
≈ 50% VDD
ten
tdis
tpd
tPZH
tPZL
tPHZ
tPLZ
CLOAD†
(pF)
IOL
(mA)
TIMING
PARAMETER
30/50
12
−12
0
3
1.5
‡
30/50
12
12
−12
−12
LOAD CIRCUIT PARAMETERS
= 50
Ω, where VOL = 0.6 V, IOL = 12 mA
IOL
30/50
‡ VLOAD −VOL
IOH
(mA)
VLOAD
(V)
Data
Input
In-Phase
Output
Input
(see Note A)
VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
50% VDD
NOTES: A. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by pulse generators having the
following characteristics: PRR = 1 MHz, ZO = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. For tPLZ and tPHZ, VOL and VOH are measured values.
50% VDD
Figure 7−1. Load Circuit And Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com