Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 12Page - NXP Semiconductors IMX95CEC Datasheet HTML 13Page - NXP Semiconductors IMX95CEC Datasheet HTML 14Page - NXP Semiconductors IMX95CEC Datasheet HTML 15Page - NXP Semiconductors IMX95CEC Datasheet HTML 16Page - NXP Semiconductors IMX95CEC Datasheet HTML 17Page - NXP Semiconductors IMX95CEC Datasheet HTML 18Page - NXP Semiconductors IMX95CEC Datasheet HTML 19Page - NXP Semiconductors IMX95CEC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
CORTEXAMIX
CPU #2
L1 Cache
L3 Controller & SCU
VDD_SOC
VDD_BBSM_0P8
L3 Cache Memory
NVCC_XXX
NVCC_XXX
VDD_ANA_0P8
CPU #4
VDD_USB_3P3
VDD_USB_0P8
VDD2H_DDR
AONMIX, ANAMIX, CCMSRCGPCMIX,
SoC Top-level
BBSM_LP Logic
BBSM IO
3.3V GPIO PAD
1.8V GPIO PAD
USB PHYs
DRAM PLL
0.65/
0.8/0.85/0.9 V
3.3 V
1.8 V
1.8 V BBSM
1.05 V (LPDDR5)
1.1 V (LPDDR4X)
VDD_USB_1P8
VDD_ANA_1P8
NVCC_BBSM_1P8
ARM PLL
LVDS PHY
VDD_LVDS_1P8
0.8 V LDO
Regulator
Optional
Regulator
Optional
Battery
WAKEUPMIX logic
WAKEUPMIX
NOC_CENTRAL, GIC-600
DRAM Controller
DDRMIX
VPU, JPEG
L2 Cache
L1 Cache
L2 Cache
NOCMIX
VPUMIX
ISP, ISI,
MIPI-CSI Controllers
CAMERAMIX
VDD_MIPI_1P8
VDD_MIPI_0P8
MIPI PHYs
SD Card GPIOPAD
OCRAM
0.8375 V
Analog
Filter
VDDQ_DDR
DRAM PHY
NVCC_SD2
Temperature Sensor
XTAL, FRO
0.65/
0.8/0.85/0.9/
1.0 V
CPU #0
L1 Cache
L2 Cache
CPU #3
L1 Cache
CPU #5
L2 Cache
L1 Cache
L2 Cache
CPU #1
L1 Cache
L2 Cache
VDD_ARM
Display Controller
MIPI-DSI Controller
DISPLAYMIX
GPU
GPUMIX
NPU
NPUMIX
0.5 V (LPDDR5)
0.6 V (LPDDR4X)
PCIe PHYs
VDD_PCIE_1P8
VDD_PCIE_0P8
PCIe, USB Controllers
HSIOMIX
Cortex-M7
M7MIX
NETC
NETCMIX
VDD_DDR_0P8
VDD_ANAVDET_1P8
AUD
VDD_AUD_1P8
eFuse
PLLs
ADC
3.3/1.8 V
VDD_ETH_1P8
VDD_ETH_0P8
Ethernet SerDes PHY
Figure 3. Power architecture of i.MX 95 family of processors
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
16 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com