Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 62Page - NXP Semiconductors IMX95CEC Datasheet HTML 63Page - NXP Semiconductors IMX95CEC Datasheet HTML 64Page - NXP Semiconductors IMX95CEC Datasheet HTML 65Page - NXP Semiconductors IMX95CEC Datasheet HTML 66Page - NXP Semiconductors IMX95CEC Datasheet HTML 67Page - NXP Semiconductors IMX95CEC Datasheet HTML 68Page - NXP Semiconductors IMX95CEC Datasheet HTML 69Page - NXP Semiconductors IMX95CEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
4.11.2.6.1 USXGMII differential transmitter output DC electrical characteristics
Table 69. USXGMII differential transmitter output DC electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
TX_Diff_PP
Differential peak-to-peak output
voltage
—
—
1200
mV
—
TX_DIFF_PP_OFF Differential peak-to-peak output
voltage with TX disabled
—
—
30
mV
—
VCM
Common-mode voltage limits
0
—
1.9
V
—
—
Common-mode voltage
deviation during LPI
—
—
150
mV
—
RLDIFF
Differential output return loss
(min.)
9
—
—
dB
50 MHz - 2500 MHz
RLDIFF
Differential output return loss
(min.)
9 - 12 *
log (f/
2500M)
—
—
dB
2500 MHz - 7500 MHz
RLCM
Common-mode output return
loss (min.)
6
—
—
dB
50 MHz - 2500 MHz
RLCM
Common-mode output return
loss (min.)
6 - 12 *
log (f/
2500M)
—
—
dB
2500 MHz - 7500 MHz
4.11.2.6.2 USXGMII differential receiver input DC electrical characteristics
Table 70. USXGMII differential receiver input DC electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
BER
Bit error ratio
—
10e-12
—
—
—
RX_Diff_PP
Differential input peak-to-peak
amplitude
—
—
1200
mV
—
—
Receiver coupling
—
—
100
nF
—
SDD11
Differential input return loss
9
—
—
dB
50 MHz - 2500 MHz
SDD11
Differential input return loss
9 - 12 *
log (f/
2500M)
—
—
dB
2500 MHz - 7500 MHz
—
Amplitude of broadband noise (i
nterference tolerance) 1
5.2/12
—
—
mV
Channel Loss 15 dB
1. This parameter is tested with PRBS31 test pattern.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
66 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com