Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors IMX95CEC Datasheet HTML 44Page - NXP Semiconductors IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
Table 45. SAI/I2S Target mode timing (25 MHz)...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
S19
SAI_FS input assertion to
SAI_TXD output valid3 2
—
—
15
ns
—
1. SAI4 pins multiplexed over ENET2 when operating at 3.3 V I/O supply, this parameter value is 9.75 ns.
2. Applies to first bit in each frame and only if the TCR4[FSE] bit is clear.
S15
S13
S15
S17
S18
S15
S16
S16
S14
S16
S11
S12
S12
I2S_BCLK (input)
I2S_FS (output)
I2S_TXD
I2S_RXD
I2S_FS (input)
S19
Figure 14. SAI timing-Target mode
4.9.1.5 SAI I/O specifications
Table 46. SAI I/O specifications
Mode
Pins
Clock
Frequency
Output
Input
Controller Tx
Any SAI interface multiplexes
over ENET pins for a SAI
instance is in NETCMIX.
Any SAI interface does not
multiplex over ENET pins
for a SAI instance is not
in NETCMIX.
TXC
50 MHz
TXD
—
TXC
50 MHz
TXFS
—
Any SAI interface multiplexes
over ENET pins for a SAI
instance is not in NETCMIX.
TXC
25 MHz
TXD
—
Any SAI interface does not
multiplex over ENET pins for a
SAI instance is in NETCMIX.
TXC
25 MHz
TXFS
—
Any
TXC
25 MHz
—
TXFS
Controller Rx
Any
RXC
25 MHz
—
RXD
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
43 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com