Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX95CEC Datasheet HTML 1Page - NXP Semiconductors IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
Table 1. Feature summary...continued
Subsystem
Features
— 4-channel
— 4 external trigger sources
— Generic 32-bit resolution timer
— Periodical interrupt generation
• 6x Timer/PWM modules (TPM)
— Prescaler divide-by 1, 2, 4, 8, 16, 32, 64, or 128
— 16-bit counter, support free-running counter or modulo counter mode,
counting up or down
— Includes 6 channels that can be configured for input capture, output
compare, edge-aligned PWM mode, or center-aligned PWM mode
• 2x Low-Power Timers (LPTMR)
• 5x WatchDog modules (WDOG)
• 1x System Counter (SYS_CTR)
• 1x Timestamp Timer (TSTMR)
• 1x General Purpose Timer (GPT)
GPIO and Pin Multiplexing
• General-purpose input/output (GPIO) modules with interrupt capability
• Input/Output Multiplexing Controller (IOMUXC) to provide centralized pad
control
Analog
• FRO Clock Generator (FRO_TUNER)
• 2x Temperature Sensor (TEMPSENSE)
• 16-channel, 12-bit Analog-to-Digital Converter (SAR_ADC)
• 1x Trigger Mux (TRGMUX) to configure the trigger inputs for various peripherals
Clocking
• CCM
• OSC
• LPCG
Safety
• Integrated functional safety
• Targeting ISO26262 ASIL-B and IEC61508 SIL2 compliance
Security
• Trusted Resource Domain Controller (TRDC)
— Supports up to 16 resource domains
• Arm TrustZone® (TZ) architecture
• Secure and trusted access control
• EdgeLock™ Secure Enclave
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
4 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com