Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors IMX95CEC Datasheet HTML 48Page - NXP Semiconductors IMX95CEC Datasheet HTML 49Page - NXP Semiconductors IMX95CEC Datasheet HTML 50Page - NXP Semiconductors IMX95CEC Datasheet HTML 51Page - NXP Semiconductors IMX95CEC Datasheet HTML 52Page - NXP Semiconductors IMX95CEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
Table 51. MIPI CSI-2...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
ΔVCMRX(HF)
HS common mode interference
beyond 450 MHz
—
—
50
mV
Data rate > 1.5Gbps
ΔVCMRX(LF)
HS common mode interference
between 50MHz and 450 MHz
-25
—
25
mV
Data rate > 1.5Gbps
RATE[RX]
Receive Serial Data Rate 1
80
—
2500
Mbps
80 Ω ≤ RL ≤ 125 Ω
RATE[TX]
Transmit Serial Data Rate
80
—
2500
Mbps
per lane, 80 Ω ≤ RL ≤
125 Ω
RATE[TX]
Transmit Serial Data Rate - Tx
Reverse Mode
80
—
625
Mbps
per lane, 80 Ω ≤ RL ≤
125 Ω
TCLKP
HS Clock Period
0.8
—
25
ns
80 Ω ≤ RL ≤ 125 Ω
TSKEW[TX]
Data to clock skew
-0.15
—
0.15
UIinst
> 0.08Gbps, < 1Gbps
TSKEW[TX]
Data to clock skew
-0.2
—
0.2
UIinst
> 1Gbps, < 1.5Gbps
TSKEW[TLIS]
Data to clock skew
-0.2
—
0.2
UIinst
> 0.08Gbps, < 1Gbps
TSKEW[TLIS]
Data to clock skew
-0.1
—
0.1
UIinst
> 1Gbps, < 1.5Gbps
TSKEW[TX] static
Static data to clock skew (TX)
-0.2
—
0.2
UIinst
> 1.5Gbps
TSKEW[TLIS]
static
Static data to clock skew
(channel)
-0.1
—
0.1
UIinst
> 1.5Gbps
TSKEW[RX] static
Static data to clock skew (RX)
tolerance
-0.3
—
0.3
UIinst
> 1.5Gbps, < 2.5Gbps
TSKEW[TX]
dynamic
Dynamic data to clock skew
-0.15
—
0.15
UIinst
> 1.5Gbps
TSKEWCAL initial
Time that the transmitter drives
the skew-calibration pattern in
the initial skew-calibration mode
—
—
100
us
> 1.5Gbps
TSKEWCAL initial
Time that the transmitter drives
the skew-calibration pattern in
the initial skew-calibration mode
2^15
—
—
UIinst
> 1.5Gbps
TSKEWCAL
periodic
Time that the transmitter drives
the deskew-calibration pattern
in the periodic skew-calibration
mode
—
—
10
us
> 1.5Gbps
TSKEWCAL
periodic
Time that the transmitter drives
the deskew-calibration pattern
in the periodic skew-calibration
mode
2^15
—
—
UIinst
> 1.5Gbps
ΔVCMTX(HF)
Common mode variations above
450 MHz
—
—
15
mV(RMS
)
—
ΔVCMTX(LF)
Common mode variations
between 50MHz - 450 MHz
—
—
25
mV(RMS
)
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
49 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com