Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 71 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 67Page - NXP Semiconductors IMX95CEC Datasheet HTML 68Page - NXP Semiconductors IMX95CEC Datasheet HTML 69Page - NXP Semiconductors IMX95CEC Datasheet HTML 70Page - NXP Semiconductors IMX95CEC Datasheet HTML 71Page - NXP Semiconductors IMX95CEC Datasheet HTML 72Page - NXP Semiconductors IMX95CEC Datasheet HTML 73Page - NXP Semiconductors IMX95CEC Datasheet HTML 74Page - NXP Semiconductors IMX95CEC Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
Table 77. LPSPI DC electrical characteristics...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
VIL
Input low voltage 1,2
—
—
0.3 x
VDDO
V
—
IIN/IOZ
Input/Output leakage current 2
-5
—
5
µA
—
VOH
Output high voltage 2
VDDO -
0.45
—
—
V
IOH = -2 mA at VDDO
min
VOL
Output lowvoltage 2
—
—
0.45
V
IOL = 2 mA at VDDO
min
1. The minimum VIL and maximum VI values are based on the respective minimum and maximum VDD values found in
Recommended Operating Conditions.
2. For recommended operating conditions, see Recommended Operating Conditions.
4.11.3.2 LPSPI Controller mode AC timing specifications
Table 78. LPSPI Controller mode AC timing specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
fSCK
Frequency of LPSPI clock
root 1,2,3
—
—
30
MHz
—
fSCK
Frequency of LPSPI clock root 4 —
—
60
MHz
—
tSCK
SCK period 5
2 x
tperiph
—
—
ns
—
tLead
Enable lead time
1
—
—
tperiph
—
tLag
Enable lag time
1
—
—
tperiph
—
tWSCK
Clock (SCK) high or low time
tSCK / 2
- 3
—
tSCK / 2
+ 3
ns
—
tSU
Data setup time (inputs) 6
8
—
—
ns
When operating at 3.3
V I/O supply, this
parameter value is 9
ns.
tHI
Data hold time (inputs) 6
0
—
—
ns
—
tV
Data valid (after SCK edge)
—
—
2.5
ns
—
tHO
Data hold time (outputs)
-2.5
—
—
ns
—
tRI/FI
Rise/Fall time input
—
—
3
ns
—
tRO/FO
Rise/Fall time output
—
—
3
ns
—
1. The clock driver in the LPSPI module for fperiph must guaranteed this limit is not exceeded.
2. Input timing assumes an input signal slew rate of 3 ns (20%/80%).
3. Output timing valid for maximum external load CL = 25 pF, which is assumed to be a load at the end of a 50 ohm,
unterminated, 5-inch microstrip trace on standard FR4 (3.3 pF/inch), (25-pF total with margin). For best signal integrity, the
series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
4. In controller loopback mode when LPSPI_CFGR1[SAMPLE] bit is 1.
5. tperiph = 1000 / fperiph
6. If LPSPI_CFGR1[SAMPLE] bit is 1, the data setup time (inputs) / data hold time (inputs) specifications are same with the
one in Peripheral mode.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
71 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com