Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 96 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 92Page - NXP Semiconductors IMX95CEC Datasheet HTML 93Page - NXP Semiconductors IMX95CEC Datasheet HTML 94Page - NXP Semiconductors IMX95CEC Datasheet HTML 95Page - NXP Semiconductors IMX95CEC Datasheet HTML 96Page - NXP Semiconductors IMX95CEC Datasheet HTML 97Page - NXP Semiconductors IMX95CEC Datasheet HTML 98Page - NXP Semiconductors IMX95CEC Datasheet HTML 99Page - NXP Semiconductors IMX95CEC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
4.11.13.13 REFCLK IN DC characteristics
Table 111. REFCLK IN DC characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
TCLK_DUTY
Reference clock duty cycle 1
40
—
60
%
—
SWREF_CLK
Rising/Falling Edge Rate 2
0.6
—
4
V/ns
—
VMAX
Absolute maximum voltage at
pinincluding overshoot 3
—
—
1.15
V
—
VMIN
Absolute minimum voltage at
pinincluding overshoot 3
-0.3
—
—
V
—
VMAX
Maximum input voltage level 3
—
—
0.88
V
—
VMIN
Minimum input voltage level 3
-0.15
—
—
V
—
Viswing
Single-ended input swing
0.3
—
0.88
VPP
—
Vidiff
Differential input swing
0.3
—
1.76
VPPdiff
—
1. Measurement taken from differential waveform.
2. Measured from -150 mV to +150 mV on the differential waveform (derived from REF_PAD_CLK_P minus
REF_PAD_CLK_N). The signal must be monotonic through the measurement region for rise and fall time. The 400 mV
measurement window is centered on the differential zero crossing.
3. Measurement taken from single ended waveform.
Rise edge rate
Fall edge rate
VIH = +150 mV
VIL = -150 mV
REFCLK+
minus
0.0 V
Figure 50. Differential measurement points for Rise and Fall time
VMAX = 1.15 V
VCROSS MAX = 550 mV
VCROSS MIN = 250 mV
VMIN = -0.30 V
REFCLK-
REFCLK+
Figure 51. Single-Ended measurement points for absolute cross point and swing
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
96 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com