Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX95CEC Datasheet HTML 1Page - NXP Semiconductors IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 113 page
background image
1 Introduction
i.MX 95 applications processors offer advanced graphics and video cores, powerful vision and machine learning acceleration,
efficient CPU performance plus real-time processing and advanced security with integrated EdgeLock® secure enclave to support
energy-efficient Edge Computing.
i.MX 95 applications processors integrate up to six Arm Cortex®-A55 cores and are the first i.MX devices to support functional
safety with built-in Arm Cortex®-M33 which can be configured as a safety island. Optimizing performance and power efficiency for
Industrial, IoT and Automotive devices, i.MX 95 processors are built with NXP’s innovative Energy Flex architecture.
i.MX 95 applications processors offer a rich set of peripherals targeting automotive, industrial and commercial IoT market
segments. Part of the EdgeVerse™ portfolio of intelligent edge solutions, i.MX 95 family will be offered in Commercial, Industrial,
Extended Industrial and Automotive level qualification and backed by NXP’s product longevity program.
Table 1. Feature summary
Subsystem
Features
Arm Cortex-A55 MPCore platform
• 6x Arm Cortex-A55, up to 2.0 GHz frequency
• Arm v8.2 fully 64-bit capable
• L1, L2, and L3 cache with ECC
Arm Cortex-M33 and Cortex-M7
platform
• 1x Arm Cortex-M33, up to 333 MHz frequency
• 1x Cortex-M7, up to 800 MHz frequency
• Arm v8-M supporting Trustzone-M
• 16 kB + 16 kB / 32 kB + 32 kB cache (ECC)
• 256 kB / 512 kB Tightly Coupled Memory (TCM) / on-chip SRAM (ECC)
Memory
• Up to 6.4 GT/s x 32 LPDDR5 (with Inline ECC) and 4267 MT/s x 32 LPDDR4x
(with Inline ECC)
• 3x uSDHC (SD3.0, SDIO3.0, eMMC5.1)
• 8x LPI2C
• 8x LPSPI
• 2x I3C
• 1x Octal SPI, including support for SPI NOR and SPI NAND memories
• FlexSPI_FLR
Neural Processing Unit (NPU)
• 2.0 TOP/s Neural Network performance, up to 1.0 GHz (overdrive mode) and
800 MHz (nominal mode)
• 1 MByte of SRAM embedded within the NPU, but it is available for other SoC
usage when not using for ML purposes.
Graphics
• Arm Mali-G310 Graphic Processing Unit (GPU)
— 3D GPU supporting 64 GFLOPs FP32
— OpenGL® ES 3.2
— Vulkan® 1.3
— OpenCL 3.0
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
2 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com