Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 22Page - NXP Semiconductors IMX95CEC Datasheet HTML 23Page - NXP Semiconductors IMX95CEC Datasheet HTML 24Page - NXP Semiconductors IMX95CEC Datasheet HTML 25Page - NXP Semiconductors IMX95CEC Datasheet HTML 26Page - NXP Semiconductors IMX95CEC Datasheet HTML 27Page - NXP Semiconductors IMX95CEC Datasheet HTML 28Page - NXP Semiconductors IMX95CEC Datasheet HTML 29Page - NXP Semiconductors IMX95CEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
The i.MX SoC has no VDD2H vs VDDQ sequencing requirements, but generally VDDQ must come up after VDD2H
to meet DRAM memory component specification.
NOTE
9. Turn on any 3.3 V supplies. This includes NVCC_XX I/O supplies that being operated at 3.3 V and VDD_USB_3P3.
This 3.3 V supply step may be simultaneous with the DDR VDD2H or DDR VDDQ supplies if desired.
NOTE
10. Turn on NVCC_SD2, if NVCC_SD2 is being used for a dynamically switchable 1.8/3.3 V SD card voltage (booting initially
at 3.3 V).
If NVCC_SD2 is operating at a fixed 1.8 V-only or 3.3 V-only voltlage in a give system, then it may power up at the
same time as other supplies of the same voltage.
NOTE
11. POR_B release (it should be asserted during the entire power-up sequence).
4.2.1 Power-up sequence
The power-up sequence is defined as follows:
Table 28. Power-up sequence
Symbol
Description
Min
Typ
Max
Unit
Condition
tPMIC_ON_Req
The time from when
NVCC_BBSM_1P8 reaches its
minimum operating range to
when the SoC begins to assert
PMIC_ON_REQ.
0
2
—
ms
—
tON_DEB
The time from when
PMIC_ON_REQ reaches its
high-level output voltage (VOH)
to when VDD_SOC begins to
power-up.
0
1
—
ms
—
(not shown in
timing diagram)
The time from when VDD_SOC
begins to power-up to when
VDD_ARM begins to power-up.
0
0.5
—
ms
—
tstep_dig_0p8
The time from when the latter
of VDD_SOC or VDD_ARM
begins to power-up to when all
VDD_*_0P8 analog, PHY and
PLL supplies begin to power-up.
0
0.5
—
ms
—
tstep_0p8_1p8
The time from when the final
VDD_*_0P8 analog, PHY and
PLL supply begins to power-up
to when 1.8 V supplies begin to
power-up.
0.2
0.25
—
ms
—
tstep_1p8_ddr2h
The time from when the final
1.8V supply begins to power-
up to when the DDR VDD2H
supply begins to power-up.
0.4
0.5
—
ms
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
26 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com