Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 37Page - NXP Semiconductors IMX95CEC Datasheet HTML 38Page - NXP Semiconductors IMX95CEC Datasheet HTML 39Page - NXP Semiconductors IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors IMX95CEC Datasheet HTML 44Page - NXP Semiconductors IMX95CEC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
S1
S2
S2
S3
S4
S4
S5
S9
S7
S9
S10
S7
S8
S6
S10
S8
I2S_MCLK (output)
I2S_BCLK (output)
I2S_FS (output)
I2S_FS (input)
I2S_TXD
I2S_RXD
Figure 13. SAI timing-Controller modes
4.9.1.2 SAI/I2S Controller mode timing (25 MHz)
Input timing assumes an input signal slew rate of 3 ns (20%/80%).
Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ohm,
unterminated, 5-inch microstrip trace on standard FR4 (3.3 pF/inch), (25-pF total with margin). For best signal integrity, the series
resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
Table 43. SAI/I2S Controller mode timing (25 MHz)
Symbol
Description
Min
Typ
Max
Unit
Condition
S1
SAI_MCLK cycle time
40
—
—
ns
—
S2
SAI_MCLK pulse width high/low 40%
—
60%
MCLK
period
—
S3
SAI_BCLK cycle time
40
—
—
ns
—
S4
SAI_BCLK pulse width high/low 40%
—
60%
BCLK
period
—
S5
SAI_BCLK to SAI_FS output
valid
—
—
3
ns
—
S6
SAI_BCLK to SAI_FS output
invalid
-2
—
—
ns
—
S7
SAI_BCLK to SAI_TXD valid
—
—
3
ns
—
S8
SAI_BCLK to SAI_TXD invalid
-2
—
—
ns
—
S9
SAI_RXD/SAI_FS input setup
before SAI_BCLK 1
9.5
—
—
ns
—
S10
SAI_RXD/SAI_FS input hold
after SAI_BCLK
0
—
—
ns
—
1. SAI4 pins multiplexed over ENET2 when operating at 3.3 V I/O supply, this parameter value is 9.75 ns.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
41 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com