Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 17Page - NXP Semiconductors IMX95CEC Datasheet HTML 18Page - NXP Semiconductors IMX95CEC Datasheet HTML 19Page - NXP Semiconductors IMX95CEC Datasheet HTML 20Page - NXP Semiconductors IMX95CEC Datasheet HTML 21Page - NXP Semiconductors IMX95CEC Datasheet HTML 22Page - NXP Semiconductors IMX95CEC Datasheet HTML 23Page - NXP Semiconductors IMX95CEC Datasheet HTML 24Page - NXP Semiconductors IMX95CEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
Table 19. Operating ranges...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
24 MHz XTAL, and supply
voltage for voltage detect
VDD_MIPI_0P8
Digital supply for MIPI PHY
0.795
0.8375
0.88
V
—
VDD_USB_0P8
Digital supply for USB PHYs
0.795
0.8375
0.88
V
—
VDD_USB_1P8
1.8 V supply for USB PHYs
1.71
1.8
1.89
V
—
VDD_USB_3P3
3.3 V supply for USB PHY
(Vmax consistent with Vmax
supported by NVCC GPIO
supplies)
3.069
3.3
3.45
V
—
VDD_PCI_0P8
Digital supply for PCIe PHY
0.795
0.8375
0.88
V
—
VDD_PCI_1P8
1.8 V supply for PCIe PHY
1.71
1.8
1.89
V
—
VDD_LVDS_1P8
1.8 V supply for LVDS
1.71
1.8
1.89
V
—
VDD_MIPI_1P8
1.8 V supply for MIPI PHYs
1.71
1.8
1.89
V
—
VDD_AUD_1P8
1.8 V supply for audio
transceiver
1.71
1.8
1.89
V
—
VDD2H_DDR
Voltage supply for LPDDR5/
LPDDR4X PHY, LPDDR5 mode
1.01
1.05
1.12
V
—
VDD2H_DDR
Voltage supply for LPDDR5/
LPDDR4X PHY, LPDDR4X
mode
1.06
1.1
1.17
V
—
VDDQ_DDR
Voltage supply for LPDDR5/4X
PHY, LPDDR5 Mode, ODT
enabled or disabled
0.47
0.5
0.57
V
—
VDDQ_DDR
Voltage supply for LPDDR5/4X
PHY, LPDDR4X Mode
0.57
0.6
0.65
V
—
NVCC_AON,
NVCC_SD2,
NVCC_GPIO,
NVCC_WAKEUP,
NVCC_CCM_DAP,
NVCC_ENET
Power supply for GPIO when it
is in 1.8 V mode
1.65
1.8
1.95
V
—
NVCC_AON,
NVCC_SD2,
NVCC_GPIO,
NVCC_WAKEUP,
NVCC_CCM_DAP,
NVCC_ENET
Power supply for GPIO when it
is in 3.3 V mode
3
3.3
3.45
V
—
1. Voltages > Vtyp x 1.05 but < Vmax are only supported if using a PMIC supporting Automatic Voltage Positioning (AVP).
2. When SoC in a low power state, it can save more power when configuring PMIC to turn VDD_ARM off vs having the PMIC
continue to supply VDD_ARM and rely on the on-die powergating around the CORTEXAMIX components.
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
21 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com