Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 40Page - NXP Semiconductors IMX95CEC Datasheet HTML 41Page - NXP Semiconductors IMX95CEC Datasheet HTML 42Page - NXP Semiconductors IMX95CEC Datasheet HTML 43Page - NXP Semiconductors IMX95CEC Datasheet HTML 44Page - NXP Semiconductors IMX95CEC Datasheet HTML 45Page - NXP Semiconductors IMX95CEC Datasheet HTML 46Page - NXP Semiconductors IMX95CEC Datasheet HTML 47Page - NXP Semiconductors IMX95CEC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
Table 46. SAI I/O specifications...continued
Mode
Pins
Clock
Frequency
Output
Input
RXC
25 MHz
—
RXFS
RXC
25 MHz
RXFS
—
Any SAI interface multiplexes
over ENET pins for a SAI
instance is in NETCMIX.
Any SAI interface does not
multiplex over ENET pins
for a SAI instance is not
in NETCMIX.
RXC
Loopback
Mode
50 MHz
—
RXD
RXC
Loopback
Mode
50 MHz
—
RXFS
Target Tx
Any
TXC
25 MHz
TXD
—
TXC
25 MHz
TXFS
—
TXC
25 MHz
—
TXFS
Target Rx
SAI2 multiplexes over Ethernet
pins, or (for SoCs supporting
SAI5 and SD3), SAI5
multiplexes over SD3 pins.
RXC
66.7 MHz
—
RXD
RXC
66.7 MHz
—
RXFS
RXC
25 MHz
RXFS
—
Any SAI instance or pinmux
location is not mentioned
above.
RXC
25 MHz
—
RXD
RXC
25 MHz
—
RXFS
RXC
25 MHz
RXFS
—
4.9.2 SPDIF timing parameters
The Sony/Philips Digital Interconnect Format (SPDIF) data is sent using the bi-phase marking code. When encoding, the SPDIF
data signal is modulated by a clock that is twice the bit rate of the data signal.
The following table and figures show SPDIF timing parameters for the Sony/Philips Digital Interconnect Format (SPDIF), including
the timing of the modulating Rx clock (SPDIF_SR_CLK) for SPDIF in Rx mode and the timing of the modulating Tx clock
(SPDIF_ST_CLK) for SPDIF in Tx mode.
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
Table 47. SPDIF timing parameters
Symbol
Description
Min
Typ
Max
Unit
Condition
—
SPDIF_IN Skew: asynchronous
inputs, no specs apply
—
—
0.7
ns
—
—
Skew
—
—
1.5
ns
SPDIF_OUT output
(Load = 50 pf)
—
Transition rising
—
—
24.2
ns
SPDIF_OUT output
(Load = 50 pf)
—
Transition falling
—
—
31.3
ns
SPDIF_OUT output
(Load = 50 pf)
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
44 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com