Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 52Page - NXP Semiconductors IMX95CEC Datasheet HTML 53Page - NXP Semiconductors IMX95CEC Datasheet HTML 54Page - NXP Semiconductors IMX95CEC Datasheet HTML 55Page - NXP Semiconductors IMX95CEC Datasheet HTML 56Page - NXP Semiconductors IMX95CEC Datasheet HTML 57Page - NXP Semiconductors IMX95CEC Datasheet HTML 58Page - NXP Semiconductors IMX95CEC Datasheet HTML 59Page - NXP Semiconductors IMX95CEC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
4.11.1.7 uSDHC supported modes
For SD:
• All SD 3.0 protocols are supported at full speeds on all three SDHC interfaces. This includes DS, HS, SDR12, SDR25, SDR50,
SDR104, and DDR50.
• The maximum supported SDR frequency is 200 MHz which is covered in SDR104 mode, and maximum DDR frequency is
50 MHz as a part of DDR50 mode.
For eMMC:
• eMMC HS400 is only supported on SDHC1 as that is the only one with 8-bit interface.
• eMMC HS200 is supported on all three SDHC interfaces because this protocol supports both 4-bit mode and 8-bit mode,
which can work on SDHC2 and SDHC3.
• eMMC High Speed DDR, High Speed SDR, and less than or equal to 26 MHz MMC legacy protocols are also supported on
all three SDHC interfaces.
• The maximum supported SDR frequency is 200 MHz which is covered in HS200 mode, and the maximum DDR frequency is
200 MHz as a part of HS400 mode.
uSDHC3 is multiplexing on GPIO_IO[27:22], below are the modes which are targeted:
• eMMC High Speed DDR, High Speed SDR, and less than or equal to 26 MHz MMC legacy protocols are supported.
• SDR50 (100 MHz) and SDR104 (200 MHz) modes are NOT supported.
• eMMC HS400 and HS200 modes are NOT supported
• The maximum supported SDR and DDR frequency is 50 and 52 MHz
If I/O is supplied by 3.3 V, the maximum supported SDR/DDR frequency is 50/52 MHz
4.11.2 Ethernet controller (ENET)
Ethernet supports the following key features:
• Support ENET AVB
• Support IEEE 1588
• Support Energy Efficient Ethernet (EEE)
• 1.8 V/3.3 V RMII operation, 1.8 V RGMII operation
• SGMII (1G and 2.5G), USXGMI, and XFI
The following sections describe the DC and AC electrical characteristics for the EMI, RMII, RGMII, and IEEE standard
1588 interfaces.
4.11.2.1 Ethernet Management Interface (EMI)
This section describes the electrical characteristics for the EMI interface.
4.11.2.1.1 Ethernet management interface AC Timing specifications
This table describes the EMI AC timing specifications
Table 57. Ethernet management interface AC Timing specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
fMDC
Clock frequency 1
2.5
5
10
MHz
—
tMGCH
MDC clock pulse width high
40
—
60
%
—
Table continues on the next page...
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
56 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com