Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 5 Page - NXP Semiconductors

  IMX95CEC Datasheet HTML 1Page - NXP Semiconductors IMX95CEC Datasheet HTML 2Page - NXP Semiconductors IMX95CEC Datasheet HTML 3Page - NXP Semiconductors IMX95CEC Datasheet HTML 4Page - NXP Semiconductors IMX95CEC Datasheet HTML 5Page - NXP Semiconductors IMX95CEC Datasheet HTML 6Page - NXP Semiconductors IMX95CEC Datasheet HTML 7Page - NXP Semiconductors IMX95CEC Datasheet HTML 8Page - NXP Semiconductors IMX95CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
Table 1. Feature summary...continued
Subsystem
Features
• Evolved on-die security with run-time attestation, silicon root of trust, trust
provisioning, fine-grain key management augmented by extensive crypto
services
System Debug
• Arm CoreSight® debug and trace architecture
• Trace Port Interface Unit (TPIU) to support off-chip real-time trace
• Support for 4-pin (JTAG) and SWD debug interfaces
Power management
• Supports PMIC integration to supply all power rails
• Multiple power domains allow power gating of most digital and analog logic in
low power mode
• General Power Controller (GPC), several factors are involved in power
management, not just a central controller
Package
• 15 x 15 mm FCBGA, 0.5 mm pitch
• 19 x 19 mm FCBGA, 0.7 mm pitch
1.1 Ordering Information
Figure 1 describes the part number nomenclature, so the users can identify the characteristics of the specific part number.
Part Type
Sample
P
Mass
Production
M
Special
S
Family
i.MX 95xx
IMX95
Cortex-A Cores
6 Cores
6
4 Cores
4
2 Cores
2
Package Type
15 x 15 mm, 0.5 mm pitch,
FCBGA (no lid)
V
T
19 x 19 mm, 0.7 mm pitch,
FCBGA (lidded)
V
Y
19 x 19 mm, 0.7mm pitch,
FCBGA (no lid)
V
Z
Temperature Qualification
Automotive: -40°C Ta to 125°C Tj
A
Industrial: -40°C Ta to 105°C Tj
C
Commercial: 0°C Ta to 95°C Tj
D
Extended Industrial: -40°C Ta to 125°C Tj
X
Cortex-A55 CPU Frequency
2.0 GHz2
Q2
1.8 GHz
N
1.6 GHz
L
1.0 GHz
F
Special Fuse
No special Fuse
A
Reserved
C
Reserved
D
ISP Tool Licensed
M
Reserved
S
Fab Source
Single Source
X
Multiple Source
Y
Silicon Revision
Rev 1.0 (A0)
A
Rev 2.0 (A1)
B
Rev 3.0 (B0)
C
Silicon
Revision
Special
A-Core Freq
Fab Source
Package
Temp.
Qual.
A-Core
Qty.
Segment
i.MX Family
Part
Type
B
A
N
X
VZ
A
6
9
IMX95
P
Packages
Temp. Qual.
FuSa1
Display
Controller
VPU
GPU
NPU
ISP
A-Cores
Qty
Short
Description
Value
VT/VY2/VZ
A/C/D/X
6 / 4 / 23
Full Featured4
9
VT/VY/VZ
A/C/D/X
6 / 4
Vision4
7
VT/VY/VZ
A/C/D/X
6 / 4
HMI4
5
VT/VY2/VZ
A/C/D/X
6 / 4 / 23
Compute4
3
VZ
C/X
6
Networking4
N
Part Numbers:Notevery combination of package, temperature qualification, core count, and feature
enablement is available.
1. Functional Safety enablement via paid NXP Professional Services delivery of Safety Manager, Safety Manual, and Software (Safe ty
Manager and SafeAssure packages).
2. 2.0GHz A-Core frequency available in i.MX 95 19x19 lidded package with Commercial Qualification only and requires suitable
application and thermal solution to maintain operating environment between 0°C Ta and 95°C Tj in Super Overdrive mode.
3. 2x A-Core part available in Commercial temperature qualification only, with 1GHz A-core frequency.
4. 10Gb Ethernet is available on all VY/VZ (19 x 19) packages but not VT (15 x 15) due to pin-mux restrictions.
5. Special Fuse set to “M” denotes ISP tuning tools license. Only applicable on ISP enabled family segments.
Figure 1. Part number nomenclature - i.MX 95
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
5 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com