Electronic Components Datasheet Search
  English  ▼

X  

IMX95CEC Datasheet(PDF) 90 Page - NXP Semiconductors

Part # IMX95CEC
Description  i.MX 95 Applications Processors Data Sheet for Commercial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX95CEC Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button IMX95CEC Datasheet HTML 86Page - NXP Semiconductors IMX95CEC Datasheet HTML 87Page - NXP Semiconductors IMX95CEC Datasheet HTML 88Page - NXP Semiconductors IMX95CEC Datasheet HTML 89Page - NXP Semiconductors IMX95CEC Datasheet HTML 90Page - NXP Semiconductors IMX95CEC Datasheet HTML 91Page - NXP Semiconductors IMX95CEC Datasheet HTML 92Page - NXP Semiconductors IMX95CEC Datasheet HTML 93Page - NXP Semiconductors IMX95CEC Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 113 page
background image
4.11.13 PCIe 3.0 PHY parameters
The PCIe interface is designed to be compatible with PCIe specification Gen3 x1 lane and supports the
PCI Express Base
Specification, Revision 3.1, November 2013, PCI-SIG.
4.11.13.1 PCI Express 8 GT/s differential transmitter output DC electrical characteristics
Table 99. PCI Express 8 GT/s differential transmitter output DC electrical characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
VVTX-FS-NO-EQ
Full swing transmitter voltage
with no TX Eq 1
800.0
—
1300.0
mVPP
—
VVTX-RS-NO-EQ
Reduced swing transmitter
voltage with no TX Eq 1
400.0
—
1300.0
mVPP
—
VTX- EIEOS-FS
Minimum swing during EIEOS
for full swing 2
250.0
—
—
mVPP
—
VTX- EIEOS-RS
Minimum swing during EIEOS
for reduced swing 2
232.0
—
—
mVPP
—
VTX- BOOST-FS
Maximum nominal Tx boost
ratio for full swing 3
8.0
—
—
dB
—
VTX- BOOST-RS
Maximum nominal Tx boost
ratio for reduced swing
2.5
—
—
dB
—
VTX-AC-CM-PP
Tx AC peakpeak common mode
voltage 4
—
—
150.0
mVPP
—
VTX-DC-CM
Transmitter DC common-mode
voltage 5
0
—
3.6
V
—
VTX-CM-DC-
ACTIVEIDLE-
DELTA
Absolute Delta of DC Common
Mode Voltage during L0 and
Electrical Idle 6
0
—
100.0
mV
—
VTX-CM-DC-
LINEDELTA
Absolute Delta of DC Common
Mode Voltage between D+ and
D- 6
0
—
25.0
mV
—
VTX-IDLE-DIFF-
AC-p
Electrical Idle Differential Peak
Output Voltage 7
0
—
20.0
mV
—
VTX-IDLE-DIFF-
DC
DC Electrical Idle Differential
Output Voltage 8
0
—
5.0
mV
—
VTX-RCV-DETECT The amount of voltage
change allowed during Receiver
Detection 9
—
—
600.0
mV
—
ZTX-DIFF- DC
DC differential transmitter
impedance 10
—
—
120.0
Ω
—
ITX-SHORT
Tx short circuit current 11
—
—
90
mA
—
1. Voltage measurements for VTX-FS-NO-EQ and VTX-RS-NO-EQ are made using the 64-zeroes / 64-ones pattern in the
compliance pattern.
2. Voltage limits comprehend both full swing and reduced swing modes. The transmitter must reject any changes that
would violate this specification. The maximum level is covered in the V TX-FS-NO-EQ measurement which represents the
maximum peak voltage the transmitter can drive. The V TX-EIEOS-FS and V TX-EIEOS-RS voltage limits are imposed to
NXP Semiconductors
IMX95CEC
i.MX 95 Applications Processors Data Sheet for Commercial Products
IMX95CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 11 November 2024
Preliminary - Subject to Change Without Notice
90 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com